Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD28412MUV-E2 Datasheet(PDF) 8 Page - Rohm

No. de pieza BD28412MUV-E2
Descripción Electrónicos  9W9W Analog Input Class D Speaker Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD28412MUV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD28412MUV-E2 Datasheet HTML 4Page - Rohm BD28412MUV-E2 Datasheet HTML 5Page - Rohm BD28412MUV-E2 Datasheet HTML 6Page - Rohm BD28412MUV-E2 Datasheet HTML 7Page - Rohm BD28412MUV-E2 Datasheet HTML 8Page - Rohm BD28412MUV-E2 Datasheet HTML 9Page - Rohm BD28412MUV-E2 Datasheet HTML 10Page - Rohm BD28412MUV-E2 Datasheet HTML 11Page - Rohm BD28412MUV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Datasheet
Datasheet
8/40
TSZ02201-0C1C0E900620-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
21.Sep.2016 Rev.003
www.rohm.com
TSZ22111 • 15 • 001
BD28412MUV
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70µm
74.2mm x 74.2mm
35µm
74.2mm x 74.2mm
70µm
(Note 8) This thermal via connects with the copper pattern of all layers..
Use a thermal design that allows for a sufficient margin in consideration of power dissipation under actual operating
conditions. This IC exposes its frame at the backside of package. Note that this part is assumed to use after providing heat
dissipation treatment to improve heat dissipation efficiency. Try to occupy as wide as possible with heat dissipation pattern
not only on the board surface but also the backside.
Recommended Operating Conditions (Ta= -25°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Supply Voltage
VIN
4.5
-
13
V
VCCA, VCCP1, VCCP2
Load Impedance
(Note 9)
RL1
5.4
-
-
BTL
RL2
3.2
-
-
PBTL
High Level Input Voltage
VIH
2.0
-
3.3
V
FSEL0, FSEL1, FSEL2,
MUTEX, PDX
Low Level Input Voltage
VIL
0
-
0.8
V
FSEL0, FSEL1, FSEL2,
MUTEX, PDX
Low Level Output Voltage
VOL
-
-
0.8
V
ERRORX, IOL=0.5mA
(Note 9) Tj<150°C


Número de pieza similar - BD28412MUV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
BD280-1130-10/16 MACOM-BD280-1130-10/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1016 MACOM-BD280-1130-1016 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-15/16 MACOM-BD280-1130-15/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
BD280-1130-1516 MACOM-BD280-1130-1516 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
BD280-1130-20/16 MACOM-BD280-1130-20/16 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results

Descripción similar - BD28412MUV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9108NL RICHTEK-RT9108NL Datasheet
616Kb / 13P
   9W Stereo Class-D Audio Power Amplifier
logo
Rohm
BD5471MUV ROHM-BD5471MUV_10 Datasheet
530Kb / 22P
   Analog Input Stereo Class-D Speaker Amplifier
BD5461GUL ROHM-BD5461GUL_10 Datasheet
435Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
BD5468GUL ROHM-BD5468GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
   Analog Input Monaural Class-D Speaker Amplifier
BD5471MUV ROHM-BD5471MUV_13 Datasheet
667Kb / 25P
   Analog Input Stereo Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44