Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD37067FV-M Datasheet(PDF) 5 Page - Rohm |
|
BD37067FV-M Datasheet(HTML) 5 Page - Rohm |
5 / 38 page 5/34 BD37067FV-M TSZ02201-0C2C0E100140-1-2 © 2014 ROHM Co., Ltd. All rights reserved. 14.NOV.2016 Rev.002 www.rohm.com TSZ22111・15・001 Electrical Characteristic (Unless specified particularly, Ta=25˚C, VCC1,2=8.5V, f=1kHz, VIN=1VRMS, RG=600Ω, RL=10kΩ, A input, Input Gain 0dB, Gain Adjust +6dB, LPF ON, Fader 0dB, Input point=A1/A2, Monitor point=IG1/IG2) Parameter Symbol Limit Unit Conditions Min Typ Max Current upon no signal (IQ_VCC1+IQ_VCC2) IQ_VCC - 35 53 mA No signal Input Impedance (A) RIN_S 70 100 130 kΩ Input Impedance (B, C, D, E, F) RIN_D 175 250 325 kΩ Voltage Gain GV -1.5 +0 +1.5 dB Gv=20log(VOUT/VIN) Channel Balance CB -1.5 +0 +1.5 dB CB = GV1-GV2 Total Harmonic Distortion THD+N - 0.003 0.05 % VOUT =1VRMS BW=400-30kHz Output Noise Voltage (Note1) VNO1 - 3.1 8.0 μVRMS RG = 0Ω BW = IHF-A Maximum Input Voltage VIM 2.0 2.2 - VRMS VIM at THD+N(VOUT)=1% BW=400-30kHz Crosstalk Between Channels (Note1) CTC - -100 -90 dB RG = 0Ω CTC=20log(VOUT/VOUT´) BW = IHF-A Crosstalk Between Selectors (Note1) CTS - -100 -90 dB RG = 0Ω CTS=20log(VOUT/VOUT´) BW = IHF-A Common Mode Rejection Ratio (C, D, E, F) (Note1) CMRR 55 65 - dB XP1 and XN input XP2 and XN input CMRR=20log(VIN/VOUT) BW = IHF-A, [X=C,D,E,F] Minimum Input Gain GIN MIN -17 -15 -13 dB Input gain -15dB Gin=20log(VOUT/VIN) Maximum Input Gain GIN MAX 21 23 25 dB Input gain 23dB VIN =100mVRMS Gin=20log(VOUT/VIN) Gain Set Error GIN ERR -2 +0 +2 dB GAIN=-15 to +23dB Output Impedance ROUT - - 50 Ω VIN =100mVRMS Maximum Output Voltage VOM 2.0 2.2 - VRMS THD+N=1% BW=400-30kHz (Note1) VP-9690A (Average value detection, effective value display) filter by Panasonic is used for measurement. Input and output are in-phase. (Unless specified particularly, Ta=25˚C, VCC1,2=8.5V, f=1kHz, VIN=0.9VRMS, RG=600Ω, RL =10kΩ, A input, Input Gain 0dB, Gain Adjust +6dB, LPF ON, Fader 0dB, Input point=INF1/INF2/INR1/INR2/INC/INS, Monitor point=OUTF1/OUTF2/OUTR1/OUTR2/OUTC/OUTS) Parameter Symbol Limit Unit Conditions Min Typ Max Output Impedance ROUT - - 50 Ω VIN =100mVRMS Maximum Output Voltage VOM 2.0 2.1 - VRMS THD+N=1% BW=400-30kHz |
Número de pieza similar - BD37067FV-M_16 |
|
Descripción similar - BD37067FV-M_16 |