Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37068FV-M Datasheet(PDF) 6 Page - Rohm

No. de pieza BD37068FV-M
Descripción Electrónicos  Sound Processor for car audio built-in High-Voltage function and 2nd order post filter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37068FV-M Datasheet(HTML) 6 Page - Rohm

Back Button BD37068FV-M_16 Datasheet HTML 2Page - Rohm BD37068FV-M_16 Datasheet HTML 3Page - Rohm BD37068FV-M_16 Datasheet HTML 4Page - Rohm BD37068FV-M_16 Datasheet HTML 5Page - Rohm BD37068FV-M_16 Datasheet HTML 6Page - Rohm BD37068FV-M_16 Datasheet HTML 7Page - Rohm BD37068FV-M_16 Datasheet HTML 8Page - Rohm BD37068FV-M_16 Datasheet HTML 9Page - Rohm BD37068FV-M_16 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6/35
BD37068FV-M
TSZ02201-0C2C0E100130-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
14.NOV.2016 Rev.002
www.rohm.com
TSZ22111・15・001
(Unless specified particularly, Ta=25˚C, VCCL=8.5V, VCCH=17.0V, f=1kHz, VIN=0.9VRMS, RG=600Ω, RL=10kΩ,
A input, Input Gain 0dB, Gain Adjust +6dB, High-Voltage ON, LPF ON, Fader 0dB,
Input point=INF1/INF2/INR1/INR2/INC/INS, Monitor point=OUTF1/OUTF2/OUTR1/OUTR2/OUTC/OUTS)
(Note1) VP-9690A (Average value detection, effective value display) filter by Panasonic is used for measurement. Input and output are in-phase.
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Maximum Boost Gain
GF BST
21
23
25
dB
Gain=23dB
VIN=100mVRMS
GF=20log(VOUT/VIN)-GHout
Gain Adjust=0dB
Channel Balance
CB
-1.5
+0
+1.5
dB
CB = GV1-GV2
Total Harmonic Distortion
THD+N
0.003
0.05
%
BW=400-30kHz
Output Noise Voltage
(Note1)
VNO1
23
40
μVRMS
RG = 0Ω
BW = IHF-A
Residual Output Noise Voltage
(Note1)
VNOR
10.5
20
μVRMS
Fader = -∞dB
RG = 0Ω
BW = IHF-A
Maximum Input Voltage
VIM
2.0
2.1
VRMS
VIM at THD+N(VOUT)=1%
BW=400-30kHz
Gain Adjust = 0dB
Crosstalk Between Channels
(Note1)
CTC
-100
-90
dB
RG = 0Ω
CTC=20log(VOUT/VOUT´)
BW = IHF-A
Maximum Attenuation
(Note1)
GF MIN
-100
-90
dB
Fader = -∞dB
GF=20log(VOUT/VIN)
BW = IHF-A
Gain Set Error
GF ERR
-2
+0
+2
dB
Gain=+1 to +23dB
Attenuation Set Error 1
GF ERR1
-2
+0
+2
dB
Attenuation=0 to -15dB
Attenuation Set Error 2
GF ERR2
-3
+0
+3
dB
Attenuation=-16 to -47dB
Attenuation Set Error 3
GF ERR3
-4
+0
+4
dB
Attenuation=-48 to -79dB
Ripple Rejection
PSRRVCCL
-70
-40
dB
f=1kHz
VPSRL=100mVRMS
PSRRVCCL=20log(VOUT /VCCL)
PSRRVCCH
-70
-40
dB
f=1kHz
VPSRH=100mVRMS
PSRRVCCH=20log(VOUT/VCCH)
Input Impedance
RIN_M
70
100
130
Maximum Input voltage
VIM_M
2.0
2.2
-
VRMS
VIM at THD+N(VOUT)=1%
BW=400-30kHz
MIN input
Maximum Attenuation
(Note1)
GMX MIN
-
-100
-85
dB
Front Mixing OFF
GMX=20log(VOUT/VIN)
BW=IHF-A
MIN input
Mixing Gain
GMX
-2
+0
+2
dB
Front Mixing ON
GMX=20log(VOUT/VIN)-GHout
Input Impedance
RIN_M
70
100
130
Boost Gain
GF BST
4
6
8
dB
Gain=6dB
VIN=100mVRMS
GF=20log(VOUT/VIN)-GHout
Channel Balance
CB
-1.5
+0
+1.5
dB
CB = GV1-GV2


Número de pieza similar - BD37068FV-M_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37068FV-M ROHM-BD37068FV-M Datasheet
894Kb / 34P
   AEC-Q100 Qualified
More results

Descripción similar - BD37068FV-M_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37067FV-M ROHM-BD37067FV-M_16 Datasheet
2Mb / 38P
   Sound Processor for car audio built-in 2nd order post filter
BD3827K ROHM-BD3827K Datasheet
220Kb / 6P
   SCF built-in sound processor for car audio
BD3801FS ROHM-BD3801FS Datasheet
210Kb / 6P
   SCF built-in sound processor for car audio
BD3805F ROHM-BD3805F Datasheet
204Kb / 6P
   SCF built-in sound processor for car audio
BD3426K ROHM-BD3426K Datasheet
217Kb / 6P
   SCF built-in sound processor for car audio
BD37069FV-M ROHM-BD37069FV-M Datasheet
2Mb / 41P
   Sound Processor for Car Audio with Built-in High-Voltage Amplifier
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
   Sound Processor with Built-in Surround Sound Function
BD3830FS ROHM-BD3830FS Datasheet
240Kb / 6P
   SCF built-in audio sound processor for TV
BD3831FS ROHM-BD3831FS Datasheet
208Kb / 6P
   SCF built-in audio sound processor for TV
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
   6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com