Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD37514FS Datasheet(PDF) 4 Page - Rohm

No. de pieza BD37514FS
Descripción Electrónicos  Sound Processor with Built-in 2-band Equalizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BD37514FS Datasheet(HTML) 4 Page - Rohm

  BD37514FS_15 Datasheet HTML 1Page - Rohm BD37514FS_15 Datasheet HTML 2Page - Rohm BD37514FS_15 Datasheet HTML 3Page - Rohm BD37514FS_15 Datasheet HTML 4Page - Rohm BD37514FS_15 Datasheet HTML 5Page - Rohm BD37514FS_15 Datasheet HTML 6Page - Rohm BD37514FS_15 Datasheet HTML 7Page - Rohm BD37514FS_15 Datasheet HTML 8Page - Rohm BD37514FS_15 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
BD37514FS
4/27
TSZ02201-0C2C0E100440-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
16.Dec.2015 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VCC
10.0
V
Input Voltage
VIN
VCC+0.3 to GND-0.3
V
Power Dissipation
Pd
0.94 (Note)
W
Storage Temperature
Tstg
-55 to +150
°C
(Note) This value derates by 7.5mW/°C for Ta=25°C or more when ROHM standard board is used.
Thermal resistance θja = 133.3(°C/W)
ROHM Standard board
Size :70 x 70 x 1.6(mm3)
Material : A FR4 grass epoxy board(3% or less of copper foil area)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Power Supply Voltage
VCC
7.0
-
9.5
V
Temperature
Topr
-40
-
+85
V
Electrical Characteristics
(Unless specified otherwise, Ta=25°C, VCC=8.5V, f=1kHz, VIN
=1Vrms, Rg=600Ω, RL=10kΩ, A input, Input gain 0dB,
Mute OFF, Volume 0dB, Tone control 0dB, Loudness 0dB, Fader 0dB)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Circuit Current
IQ
38
48
mA
No signal
Voltage Gain
GV
-1.5
0
+1.5
dB
GV=20log(VOUT/VIN)
Channel Balance
CB
-1.5
0
+1.5
dB
CB = GV1-GV2
Total Harmonic Distortion 1
(FRONT,REAR)
THD+N1
0.001
0.05
VOUT=1Vrms
BW=400Hz-30KHz
Total Harmonic Distortion 2
(SUBWOOFER)
THD+N2
0.002
0.05
VOUT=1Vrms
BW=400Hz-30kHz
Output Noise Voltage 1
(FRONT,REAR) *
VNO1
3.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Output Noise Voltage 2
(SUBWOOFER) *
VNO2
4.8
15
μVrms
Rg = 0Ω
BW = IHF-A
Residual Output Noise Voltage *
VNOR
1.8
10
μVrms
Fader = -
∞dB
Rg = 0Ω
BW = IHF-A
Cross-talk Between Channels *
CTC
-100
-90
dB
Rg = 0
Ω
CTC=20log(VOUT/VIN)
BW = IHF-A
Ripple Rejection
RR
-70
-40
dB
f=1kHz
VRR=100mVrms
RR=20log(VCC IN/VOUT)
Input Impedance(A,B)
RIN_S
70
100
130
Input Impedance (C,D)
RIN_D
175
250
325
Maximum Input Voltage
VIM
2.1
2.3
Vrms
VIM at THD+N(VOUT)=1
BW=400Hz-30KHz
Cross-talk Between Selectors *
CTS
-100
-90
dB
Rg = 0
Ω
CTS=20log(VOUT/VIN)
BW = IHF-A
Common Mode Rejection Ratio *
CMRR
50
65
dB
DP1 and DN input
DP2 and DN input
CMRR=20log(VIN/VOUT)
BW = IHF-A
Minimum Input Gain
GIN_MIN
-2
0
+2
dB
Input gain 0dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Maximum Input Gain
GIN_MAX
+18
+20
+22
dB
Input gain 20dB
VIN=100mVrms
GIN=20log(VOUT/VIN)
Gain Set Error
GIN_ERR
-2
0
+2
dB
GAIN=+1dB to +20dB
Mute Attenuation
GMUTE
-105
-85
dB
Mute ON
GMUTE=20log(VOUT/VIN)
BW = IHF-A


Número de pieza similar - BD37514FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37514FS ROHM-BD37514FS Datasheet
114Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BD37514FS_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BD37522FS ROHM-BD37522FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37512FS ROHM-BD37512FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37511FS ROHM-BD37511FS_15 Datasheet
2Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37523FS ROHM-BD37523FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37503FV ROHM-BD37503FV Datasheet
1Mb / 32P
   Sound processor with Built-in 2-band Equalizer
BD37515FS ROHM-BD37515FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37521FS ROHM-BD37521FS_15 Datasheet
3Mb / 31P
   Sound Processor with Built-in 2-band Equalizer
BD37513FS ROHM-BD37513FS_15 Datasheet
3Mb / 30P
   Sound Processor with Built-in 2-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com