Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FC4L32R015FER Datasheet(PDF) 2 Page - Ohmite Mfg. Co. |
|
FC4L32R015FER Datasheet(HTML) 2 Page - Ohmite Mfg. Co. |
2 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 9 A B P0 P2 D0 E F W D1 P1 T T2 Direction of feed A B P0 P2 D0 E F W D1 P1 T T2 Direction of feed W1 A H N W2 E P a C kag IN g S P e CIFIC at IONS Reel Tape inches(mm) FC4L16 FC4L32 FC4L64 FC4L110 A 0.037 (0.95±0.05) 0.075 (1.90 ±0.1) 0.135 (3.43 ±0.2) 0.213 (5.40 ±0.10) B 0.073 (1.85±0.05) 0.138 (3.50 ±0.1) 0.261 (6.63 ±0.2) 0.453 (11.50 ±0.10) W 0.315 (8.00±0.10) 0.315 (8.00 ±0.2) 0.472 (12.0 ±0.3) 0.945 (24.00 ±0.30) F 0.138 (3.50±0.05) 0.138 (3.50 ±0.05) 0.069 (1.75 ±0.1) 0.069 (1.75 ±0.10) E 0.069 (1.75±0.10) 0.069 (1.75 ±0.1) 0.217 (5.5 ±0.05) 0.453 (11.50 ±0.10) P0 0.157 (4.00±0.10) 0.157 (4.0 ±0.1) 0.157 (4.0 ±0.1) 0.157 (4.00 ±0.10) P1 0.157 (4.00±0.10) 0.157 (4.0 ±0.1) 0.157 (4.0 ±0.1) 0.315 (8.00 ±0.10) P2 0.079 (2.00±0.05) 0.079 (2.0 ±0.05) 0.079 (2.0 ±0.05) 0.079 (2.00 ±0.10) D0 0.059 (1.50+0.10/-0) 0.059 (1.50 +0.1/-0) 0.059 (1.5 +0.1/-0) 0.059 (1.50 ±0.10) D1 0.024 (0.60±0.05) 0.039 (1.00 +0.2/-0) 0.059 (1.5 +0.2/-0) 0.059 (1.50 ±0.10) T 0.008 (0.20±0.05) 0.008 (0.20 ±0.05) 0.008 (0.20 ±0.05) 0.012 (0.30 ±0.05) T2 0.022 (0.55±0.05) 0.039 (1.00 ±0.2) 0.059 (1.5) max. 0.047 (1.2 ±0.15) FC4L16 FC4L32 & 64 FC4L110 A 7.087 (180 +0/-3) 7.087 (180 +0/-3) 7.087 (180 ±2.0) H 0.512 (13 ±0.2) 0.512 (13 ±0.2) 0.512 (13 ±0.2) E 0.079 (2.0 ±0.5) 0.079 (2.0 ±0.5) 0.079 (2.0 ±0.5) N 2.362 (60 +1/-0) 2.362 (60 +1/-0) 0.827 (21 ±0.8) W1 0.354 (9.0 ±0.3) 0.512 (13.0 ±0.3) 1.000 (25.4 ±1.0) W2 0.512 (13.0 ±0.3) 0.669 (17.0 ±1.4) 1.157 (29.4 ±1.0) FC4L110R005FE R Series Tolerance J= 5% G=2% F= 1% D = 0.5% Ohms R005=0.005 R050=0.050 Taping Code 1,000 pc/reel FC4L16: 5,000 pc/reel RoHS Compliant Package Size 110=11050=5W 64=6432=2W 32=3216=1W 16=1608=0.25W TCR* (ppm) W= 25 V = 50 L = per chart above *FC4L32 and FC4L64 values over 0.100Ω only Standard Part Numbers for FC4L series 0.25 watt 1 watt 2 watt 5 watt FC4L32R001JER FC4L64R001JER FC4L110R001JER FC4L32R002GER FC4L64R002GER FC4L110R002GER FC4L32R003FER FC4L64R003FER FC4L110R003FER FC4L16R005FER FC4L32R005FER FC4L64R005FER FC4L110R005FER FC4L64R010DER FC4L110R010DER FC4L16R010FER FC4L32R010FER FC4L64R010FER FC4L110R010FER FC4L64R015DER FC4L110R015DER FC4L16R015FER FC4L32R015FER FC4L64R015FER FC4L110R015FER FC4L64R020DER FC4L110R020DER FC4L16R020FER FC4L32R020FER FC4L64R020FER FC4L110R020FER FC4L64R025DER FC4L110R025DER FC4L16R025FER FC4L32R025FER FC4L64R025FER FC4L110R025FER FC4L64R030DER FC4L110R030DER FC4L16R030FER FC4L32R030FER FC4L64R030FER FC4L110R030FER FC4L64R050DER FC4L110R050DER FC4L16R050FER FC4L32R050FER FC4L64R050FER FC4L110R050FER FC4L16R100FER FC4L32R100FER FC4L64R100FER FC4L110R100FER 3 4 1 W L t 2 5 1. Alumina substrate 2. Resistive element (Ni-Cu-Mn alloy) 3. Electrode (Ni, Sn) 4. Protective coating (Epoxy resin) 5. Marking (Epoxy resin): wider mark indicates “V” term. 0.5mm +0.2/-0.05 d c b a b e c d (mm) a b c d e FC4L16 0.25 1.2 0.40 0.30 1.2 FC4L32 0.4 2.7 0.35 0.3 2.7 FC4L64 2.0 4.4 0.7 0.5 5.4 FC4L110 3.2 5.6 1.6 1.1 8.7 L W t b c d Rating (in.±.008/mm ±0.20) (in./mm) mm ±0.15 mm ±0.1 mm ±0.15 FC4L16 0.25 watt 0.063 / 1.60 0.031 / 0.8 0.010 / 0.26 0.30 ±.2 0.3 ±.2 1.0 ±.2 FC4L32 1 watt 0.126 / 3.20 0.063 / 1.6 0.014 / 0.35 0.35 0.2 2.6 FC4L64 2 watt 0.251 / 6.40 0.126 / 3.2 0.020 / 0.5 0.7 0.5 5.2 FC4L110 5 watt 0.433 / 11.0 0.197 / 5.0 0.028 / 0.7 1.4 1.1 8.5 FC4L Series FC4L Four Terminal Current Sense Metal Foil Construction DIM e NSIONS Land Pattern O r D er IN g INFO r M at ION |
Número de pieza similar - FC4L32R015FER |
|
Descripción similar - FC4L32R015FER |