Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1221 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC1221
Descripción Electrónicos  High-Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1221 Datasheet(HTML) 5 Page - Microchip Technology

  TC1221_14 Datasheet HTML 1Page - Microchip Technology TC1221_14 Datasheet HTML 2Page - Microchip Technology TC1221_14 Datasheet HTML 3Page - Microchip Technology TC1221_14 Datasheet HTML 4Page - Microchip Technology TC1221_14 Datasheet HTML 5Page - Microchip Technology TC1221_14 Datasheet HTML 6Page - Microchip Technology TC1221_14 Datasheet HTML 7Page - Microchip Technology TC1221_14 Datasheet HTML 8Page - Microchip Technology TC1221_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2002-2014 Microchip Technology Inc.
DS20001367C-page 5
TC1221/TC1222
4.0
APPLICATIONS INFORMATION
4.1
Output Voltage Considerations
The TC1221/TC1222 perform voltage conversion but
do not provide regulation. The output voltage will droop
in a linear manner with respect to load current. The
value of this equivalent output resistance is approxi-
mately 25
 nominal at +25°C and V
IN = +5V. VOUT is
approximately -5V at light loads, and droops according
to the equation below:
VDROP = IOUT x ROUT
VOUT = – (VIN – VDROP)
4.2
Charge Pump Efficiency
The overall power efficiency of the charge pump is
affected by four factors:
1.
Losses from power consumed by the internal
oscillator, switch drive, etc. (which vary with
input
voltage,
temperature
and
oscillator
frequency).
2.
I2R losses due to the on-resistance of the
MOSFET switches on-board the charge pump.
3.
Charge pump capacitor losses due to effective
series resistance (ESR).
4.
Losses that occur during charge transfer (from
the
commutation
capacitor
to
the
output
capacitor) when a voltage difference between
the two capacitors exists.
Most of the conversion losses are due to factors (2) and
(3) above. These losses are given by Equation 4-1(b).
EQUATION 4-1:
The 1/(fOSC)(C1) term in Equation 4-1(b) is the
effective output resistance of an ideal switched
capacitor circuit (Figure 4-1 and Figure 4-2). The value
of RSWITCH can be approximated at 0.5 for the
TC1221/TC1222.
The remaining losses in the circuit are due to factor (4)
above, and are shown in Equation 4-2. The output
voltage ripple is given by Equation 4-3.
EQUATION 4-2:
EQUATION 4-3:
FIGURE 4-1:
IDEAL SWITCHED
CAPACITOR MODEL
FIGURE 4-2:
EQUIVALENT OUTPUT
RESISTANCE
4.3
Capacitor Selection
In order to maintain the lowest output resistance and
output ripple voltage, it is recommended that low ESR
capacitors be used. Additionally, larger values of C1
will lower the output resistance and larger values of
C2 will reduce output ripple. (Equation 4-1(b) and
Equation 4-3).
a) PLOSS (2, 3) = IOUT
2 x R
OUT
b) where ROUT = [ 1 / [fOSC(C1) ] + 8RSWITCH +
4ESRC1 + ESRC2]
PLOSS(4) = [(0.5)(C1)(VIN
2 –V
OUT
2)+ (0.5)
(C2)(VRIPPLE
2 –2V
OUT VRIPPLE)] xfOSC
VRIPPLE =[ IOUT /2 x ( fOSC)(C2)] + 2 ( IOUT)(ESRC2)
V+
VOUT
RL
C2
C1
f
V+
VOUT
REQUIV
REQUIV =
RL
C2
f x C1
1


Número de pieza similar - TC1221_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1221ECH MICROCHIP-TC1221ECH Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECH MICROCHIP-TC1221ECH Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
More results

Descripción similar - TC1221_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1221 MICROCHIP-TC1221 Datasheet
462Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
TC1221ECHTR MICROCHIP-TC1221ECHTR Datasheet
469Kb / 16P
   High Frequency Switched Capacitor Voltage Converters with Shutdown in SOT Packages
03/01/02
TC1219 MICROCHIP-TC1219 Datasheet
482Kb / 16P
   Switched Capacitor Voltage Converters with Shutdown in SOT Packages
2002
logo
Analog Devices
ADM8829 AD-ADM8829_15 Datasheet
76Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930_15 Datasheet
65Kb / 1P
   Switched Capacitor Voltage Inverter with Shutdown
logo
Analog Devices
ADM8828ART-REEL AD-ADM8828ART-REEL Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
ADM8828ARTZ AD-ADM8828ARTZ Datasheet
69Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
logo
Global Mixed-mode Techn...
G5930 GMT-G5930 Datasheet
311Kb / 8P
   Switched Capacitor Voltage Inverter with Shutdown
logo
ON Semiconductor
MAX1720 ONSEMI-MAX1720 Datasheet
182Kb / 18P
   Switched Capacitor Voltage Inverter with Shutdown
December, 2005 ??Rev. 3
logo
Analog Devices
ADM8828 AD-ADM8828 Datasheet
67Kb / 6P
   Switched-Capacitor Voltage Inverter with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com