Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1221ECH Datasheet(PDF) 5 Page - Microchip Technology |
|
TC1221ECH Datasheet(HTML) 5 Page - Microchip Technology |
5 / 16 page 2002-2014 Microchip Technology Inc. DS20001367C-page 5 TC1221/TC1222 4.0 APPLICATIONS INFORMATION 4.1 Output Voltage Considerations The TC1221/TC1222 perform voltage conversion but do not provide regulation. The output voltage will droop in a linear manner with respect to load current. The value of this equivalent output resistance is approxi- mately 25 nominal at +25°C and V IN = +5V. VOUT is approximately -5V at light loads, and droops according to the equation below: VDROP = IOUT x ROUT VOUT = – (VIN – VDROP) 4.2 Charge Pump Efficiency The overall power efficiency of the charge pump is affected by four factors: 1. Losses from power consumed by the internal oscillator, switch drive, etc. (which vary with input voltage, temperature and oscillator frequency). 2. I2R losses due to the on-resistance of the MOSFET switches on-board the charge pump. 3. Charge pump capacitor losses due to effective series resistance (ESR). 4. Losses that occur during charge transfer (from the commutation capacitor to the output capacitor) when a voltage difference between the two capacitors exists. Most of the conversion losses are due to factors (2) and (3) above. These losses are given by Equation 4-1(b). EQUATION 4-1: The 1/(fOSC)(C1) term in Equation 4-1(b) is the effective output resistance of an ideal switched capacitor circuit (Figure 4-1 and Figure 4-2). The value of RSWITCH can be approximated at 0.5 for the TC1221/TC1222. The remaining losses in the circuit are due to factor (4) above, and are shown in Equation 4-2. The output voltage ripple is given by Equation 4-3. EQUATION 4-2: EQUATION 4-3: FIGURE 4-1: IDEAL SWITCHED CAPACITOR MODEL FIGURE 4-2: EQUIVALENT OUTPUT RESISTANCE 4.3 Capacitor Selection In order to maintain the lowest output resistance and output ripple voltage, it is recommended that low ESR capacitors be used. Additionally, larger values of C1 will lower the output resistance and larger values of C2 will reduce output ripple. (Equation 4-1(b) and Equation 4-3). a) PLOSS (2, 3) = IOUT 2 x R OUT b) where ROUT = [ 1 / [fOSC(C1) ] + 8RSWITCH + 4ESRC1 + ESRC2] PLOSS(4) = [(0.5)(C1)(VIN 2 –V OUT 2)+ (0.5) (C2)(VRIPPLE 2 –2V OUT VRIPPLE)] xfOSC VRIPPLE =[ IOUT /2 x ( fOSC)(C2)] + 2 ( IOUT)(ESRC2) V+ VOUT RL C2 C1 f V+ VOUT REQUIV REQUIV = RL C2 f x C1 1 |
Número de pieza similar - TC1221ECH |
|
Descripción similar - TC1221ECH |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |