Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP75C-Q1 Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TMP75C-Q1 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 31 page SDA SCL A0 A1 A2 V S GND ALERT I N x I Thermal BJT ADC Control Logic Device Register Bank Serial Interface Oscillator Voltage Regulator 7 TMP75C-Q1 www.ti.com SBOS840 – NOVEMBER 2016 Product Folder Links: TMP75C-Q1 Submit Documentation Feedback Copyright © 2016, Texas Instruments Incorporated 7 Detailed Description 7.1 Overview The TMP75C-Q1 is a digital temperature sensor optimal for thermal management and thermal protection applications. The TMP75C-Q1 is two-wire and SMBus interface compatible, and is specified over a temperature range of –40°C to +125°C. The temperature sensing device for the TMP75C-Q1 is the chip itself. A bipolar junction transistor (BJT) inside the chip is used in a band-gap configuration to produce a voltage proportional to the chip temperature. The voltage is digitized and converted to a 12-bit temperature result in degrees Celsius, with resolution of 0.0625°C. The package leads provide the primary thermal path because of the lower thermal resistance of the metal. Thus, the temperature result is equivalent to the local temperature of the printed circuit board (PCB) where the sensor is mounted. 7.2 Functional Block Diagram |
Número de pieza similar - TMP75C-Q1 |
|
Descripción similar - TMP75C-Q1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |