Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM4040DYM3-5.0 Datasheet(PDF) 3 Page - Micrel Semiconductor

No. de pieza LM4040DYM3-5.0
Descripción Electrónicos  Precision Micropower Shunt Voltage Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICREL [Micrel Semiconductor]
Página de inicio  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM4040DYM3-5.0 Datasheet(HTML) 3 Page - Micrel Semiconductor

  LM4040DYM3-5.0 Datasheet HTML 1Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 2Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 3Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 4Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 5Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 6Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 7Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 8Page - Micrel Semiconductor LM4040DYM3-5.0 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
LM4040/LM4041
June 24, 2014
3
Revision 3.0
Absolute Maximum Ratings
(1)
Reverse Current ..........................................................20mA
Forward Current ..........................................................10mA
Maximum Output Voltage (LM4041-ADJ) ......................15V
Lead Temperature
Vapor phase (60s) ............................................... 215°C
Infrared (15s) ....................................................... 220°C
Power Dissipation (TA = 25°C)
(3) ..............................306mW
Storage Temperature (Ts).........................
–65°C to +150°C
ESD Susceptibility
Human Body Model
(4) .............................................. 2kV
Machine Model
(4)....................................................200V
Operating Ratings
(2)
Operating Temperature Range (TA)............ –40°C to +85°C
Reverse Current
LM4040-2.5............................................. 60µA to 15mA
LM4040-4.1............................................. 68µA to 15mA
LM4040-5.0............................................. 74µA to 15mA
LM4041-1.2............................................. 60µA to 12mA
LM4041-ADJ........................................... 60µA to 12mA
Output Voltage Range
LM4041-ADJ............................................. 1.24V to 10V
Thermal Resistance
3-Pin SOT-23 (
Θ
JA) .......................................... 326°C/W
LM4040-2.5 Electrical Characteristics
(5)
TA = Operating Temperature Range, bold values indicate TA = TJ = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
LM4040C
VR
Reverse Breakdown Voltage
IR = 100µA
2.500
V
Reverse Breakdown Voltage
Tolerance
(6)
±12
mV
±29
mV
IRMIN
Minimum Operating Current
45
60
µA
65
µA
ΔVR/ΔT
Average Reverse Breakdown
Voltage Temperature
Coefficient
IR = 10mA
±20
ppm/°C
IR = 1mA
±15
±100
ppm/°C
IR = 100µA
±15
ppm/°C
ΔVR/ΔIR
Reverse Breakdown Voltage
Change with Operating Current
Change
IRMIN ≤ IR ≤1mA
0.3
0.8
mV
1.0
mV
1mA
≤ IR ≤ 15mA
2.5
6.0
mV
8.0
mV
ZR
Reverse Dynamic Impedance
IR = 1mA, f = 120Hz, IAC = 0.1IR
0.3
0.9
eN
Wideband Noise
IR = 100µA, 10Hz ≤ f ≤ 10kHz
35
µVRMS
ΔVR
Reverse Breakdown Voltage
Long Term Stability
t = 1000hrs., T = 25°C ±0.1°C, IR = 100µA
120
ppm
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (maximum junction temperature), ƟJA (junction
to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any temperature is PDMAX = (TJMAX
TA)/ ƟJA or the number given in the Absolute Maximum Ratings, whichever is lower. For the LM4040 and LM4041, TJMAX = 125°C and the typical
thermal resistance, when board-mounted, is 326°C/W for the SOT-23 package.
4.
Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5k
Ω in series with 100pF. The machine model is a
200pF capacitor discharged directly into each pin.
5.
Specification for packaged product only.
6.
The boldface (overtemperature) limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage
Tolerance ±[(
ΔV
R/ΔT)(65°C)(VR)]. ΔVR/ΔT is the VR temperature coefficient, 65°C is the temperature range from –40°C to the reference point of
25°C, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades follows:
a. C-grade: ±1.15% = ±0.5% ±100ppm/°C × 65°C
b. D-grade: ±1.98% = ±1.0% ±150ppm/°C × 65°C
Example: The C-grade LM4040-2.5 has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5 × 1.15% = ±29mV.


Número de pieza similar - LM4040DYM3-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
LM4040DYM3-2.5TR MICREL-LM4040DYM3-2.5TR Datasheet
818Kb / 16P
   Precision Micropower Shunt Voltage Reference
More results

Descripción similar - LM4040DYM3-5.0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com