Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9-0744506-3 Datasheet(PDF) 2 Page - TE Connectivity Ltd

No. de pieza 9-0744506-3
Descripción Electrónicos  DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-0744506-3 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  9-0744506-3 Datasheet HTML 1Page - TE Connectivity Ltd 9-0744506-3 Datasheet HTML 2Page - TE Connectivity Ltd 9-0744506-3 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POS
TE/PN
DESCRIPTION
QTY
S
W
S=Spear Parts
W=Wear Parts
1
DIE SET SHIELD CRIMP HVP800 90DEG. 25 SQMM
1
7-1579019-2
2
BOM- DIE SET SHIELD CRIMP HVP800 90DEG.
1
9-0744506-3
4
LABEL 40X15
AUFKLEBER 40X15
1
1-0519610-0
B. MUTH
05DEC11
03FEB14
REMARKS:
Matrize für Schirmcrimp HVP800 90°25 mm²
WIRE ACCORDING LV 216-2
9-1579009-1-C
USED ON
PRINTED
DWN
CHK
APVD
WEIGHT
DIMENSION (mm)
MATERIAL
HT TR
G. STEGMAYER
-
-
-
-
-
P LTR REVISION RECORD
DATE
DWN APVD
-
B
SEE SHEET 1
-
-
-
-
C
SEE SHEET 1
-
-
-
-
D
SEE SHEET 1
-
-
-
-
E
SEE SHEET 1
-
-
-
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS
CORPORATION. IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING
ORGANIZATION SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIESES ZEICHNUNGSDOKUMENT WIRD DURCH TYCO ELECTRONICS
CORPORATION KONTROLLIERT. ÄNDERUNGEN DIE DEM TECHNISCHEN
FORTSCHRITT DIENEN, SIND VORBEHALTEN. DEN JEWEILS LETZTGÜLTIGEN
ÄNDERUNGSSTAND ERFAHREN SIE AUF ANFRAGE
2 / 2
DIE SET SHIELD CRIMP)HVP800 90DEG. 25 SQMM
C-1-528041-5
SPARE AND WEAR PARTS LIST
E
tyco Electronics AMP GmbH
D-64625 Bensheim
NAME
SCALE
SIZE
A4
DRAWING NO
SHEET
REV
TOLERANCES
UNLESS
OTHERWISE
SPECIFIED
SEE SHEET 1
SEE SHEET 1
RESTRICTED TO
-
3
-
-
-
-
-
-
-


Número de pieza similar - 9-0744506-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aries Electronics, Inc.
9-002-152FBP ARIES-9-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
9-002-171PTLHT ARIES-9-002-171PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
9-002-172PTLHT ARIES-9-002-172PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
9-002-173PTLHT ARIES-9-002-173PTLHT Datasheet
248Kb / 2P
   Flat Pin Staked Flex Jumpers
9-002.125-152FBP ARIES-9-002.125-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
More results

Descripción similar - 9-0744506-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
C-528041-3 TEC-C-528041-3 Datasheet
201Kb / 3P
   DIE SET IPT-VW WIRE CRIMP 25 SQMM
C-2286935 TEC-C-2286935 Datasheet
1Mb / 2P
   3 POS. HVP800, 180, 25 SQMM CABLE ASSY
C-2286951 TEC-C-2286951 Datasheet
1Mb / 1P
   3 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286947 TEC-C-2286947 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 25 SQMM, CABLE ASSY
C-2286945 TEC-C-2286945 Datasheet
1Mb / 1P
   2 POS. HVP800, 90, 50 SQMM, CABLE ASSY
C-2286949 TEC-C-2286949 Datasheet
1Mb / 1P
   3 POS. HVP800, 90, 50 SQMM, CABLE ASSY
C-2286917 TEC-C-2286917 Datasheet
1Mb / 2P
   3 POS. HVP800, 180, 50 SQMM CABLE ASSY
C-2286950 TEC-C-2286950 Datasheet
1Mb / 1P
   3 POS. HVP800, 90, 35 SQMM, CABLE ASSY
logo
List of Unclassifed Man...
Y211 ETC-Y211 Datasheet
26Kb / 1P
   DIE SET ENVELOPE DRAWING
Y15757-ENV ETC-Y15757-ENV Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com