Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM813xxxUMG-TR Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza SM813xxxUMG-TR
Descripción Electrónicos  Flexible Ultra-Low Jitter Clock Synthesizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SM813xxxUMG-TR Datasheet(HTML) 5 Page - Microchip Technology

  SM813xxxUMG-TR Datasheet HTML 1Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 2Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 3Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 4Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 5Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 6Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 7Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 8Page - Microchip Technology SM813xxxUMG-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
 2016 Microchip Technology Inc.
DS20005538B-page 5
SM813XXX
Note 1:
See Figure 4-6.
2:
Output-to-output skew is defined as skew between outputs at the same supply voltage and with equal load
conditions. It is measured at the output differential crossing points.
3:
Output-to-output skew is only defined for outputs in the same PLL bank [A:B, C:D] with the same output logic
type setting.
4:
All phase noise measurements were taken with an Agilent 5052B phase noise system.
5:
Measured using a 52.0833 MHz crystal as the input reference source.
There are sufficient feedback dividers to support below 20 MHz, down to about 12 MHz, but phase noise performance
will be impacted. Please contact Microchip TCG Applications for more information.
Equivalent Series Resistance (ESR)
80
Saunders 250B,
25Ω Pi Network
Load Capacitance (CL)
8
pF
Device Equivalent Load
Shunt Capacitor, C0
1
2
pF
Correlation Drive Level
10
100
µW
TABLE 1-7:
AC ELECTRICAL CHARACTERISTICS
Electrical Characteristics:
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%; VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V
±5%; TA = –40°C to +85°C.
Symbol
Parameters
Min.
Typ.
Max.
Units
Conditions
FIN
Input Frequency
31.25
50
156.25
MHz
XO
FOUT
Output Frequency
12
850
MHz
LVPECL, LVDS, HCSL
12
250
LVCMOS
tr/tf
Output Rise/Fall Time (Note 1)
85
135
350
ps
LVPECL Output
85
140
300
LVDS Output
175
300
450
HCSL Output
100
200
400
LVCMOS Output
ODC
Output Duty Cycle
45
50
55
%
All Output Frequencies
48
50
52
<350 MHz Output Frequencies
TSKEW
Output-to-Output Skew
(Note 2, Note 3)
——
50
ps
Note 3, Same Output Bank
TLOCK
PLL Lock Time
5
20
ms
VDD = 90%
Tjit(Ø)
RMS Phase Jitter (Note 4,
Note 5)
112
150
fs
Integration Range 12 kHz -
20 MHz
64
Integration Range 1.875 MHz -
20 MHz
TABLE 1-6:
CRYSTAL CHARACTERISTICS (CONTINUED)
Parameters
Min.
Typ.
Max.
Units
Conditions


Número de pieza similar - SM813xxxUMG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8131B00B NPC-SM8131B00B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
More results

Descripción similar - SM813xxxUMG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
   125MHz Ultra-Low Jitter Clock Synthesizer
SM840051 MICREL-SM840051 Datasheet
297Kb / 10P
   10 Gigabit Ethernet Ultra-Low Jitter Clock Synthesizer
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com