Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK1744-D35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza STK1744-D35
Descripción Electrónicos  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

STK1744-D35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  STK1744-D35 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STK1744
January 2003
2
Document Control # ML0020 rev 0.0
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . .–0.5V to 7.0V
Voltage on Input Relative to VSS . . . . . . . . . . –0.6V to (VCC + 0.5V)
Voltage on DQ0-7. . . . . . . . . . . . . . . . . . . . . . –0.5V to (VCC + 0.5V)
Temperature under Bias . . . . . . . . . . . . . . . . . . . . . . –55
°C to 85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to 85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . . 15mA
Note a: Stresses greater than those listed under “Absolute Maximum Rat-
ings” may cause permanent damage to the device. This is a stress
rating only, and functional operation of the device at conditions
above those indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 5.0V ± 10%)
Note b: ICC
1
and ICC
3
are dependent on output loading and cycle rate. The specified values are obtained at minimum cycle with outputs unloaded.
Note c: E
≥ VIH will not produce standby current levels until any nonvolatile cycle in progress has timed out.
AC TEST CONDITIONS
CAPACITANCEd
(T
A = 25
°C, f = 1.0MHz)
Note d: These parameters are guaranteed but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC
1
b
Average VCC Current
97
80
70
100
85
70
mA
mA
mA
tAVAV = 25ns
tAVAV = 35ns
tAVAV = 45ns
ICC
2
Average VCC Current during STORE
3
3
mA
All Inputs Don’t Care, VCC = max
ICC
3
b
Average VCC Current at tAVAV = 200ns
5V, 25°C, Typical
10
10
mA
W
≥ (V CC– 0.2V)
All Others Cycling, CMOS Levels
ISB
1
c
Average VCC Current
(Standby, Cycling TTL Input Levels)
30
25
22
31
26
23
mA
mA
mA
tAVAV = 25ns, E ≥ VIH
tAVAV = 35ns, E ≥ VIH
tAVAV = 45ns, E ≥ VIH
ISB
2
c
VCC Standby Current
(Standby, Stable CMOS Input Levels)
1.5
1.5
mA
E
≥ (V CC– 0.2V)
All Others VIN ≤ 0.2V or ≥ (VCC – 0.2V)
IILK
Input Leakage Current
±1
±1
µA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±5
±5
µA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.2
VCC + .5
2.2
VCC + .5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS – .5
0.8
VSS – .5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 4mA
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 8mA
TA
Operating Temperature
0
70
–40
85
°C
Input Pulse Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 3V
Input Rise and Fall Times
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤ 5ns
Input and Output Timing Reference Levels . . . . . . . . . . . . . . . 1.5V
Output Load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Figure 1
SYMBOL
PARAMETER
MAX
UNITS
CONDITIONS
CIN
Input Capacitance
10
pF
∆V = 0 to 3V
COUT
Output Capacitance
12
pF
∆V = 0 to 3V
Figure 1: AC Output Loading
480 Ohms
30 pF
255 Ohms
5.0V
INCLUDING
OUTPUT
SCOPE AND
FIXTURE


Número de pieza similar - STK1744-D35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25 ETC-STK1743-D25 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25I ETC-STK1743-D25I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35 ETC-STK1743-D35 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35I ETC-STK1743-D35I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
More results

Descripción similar - STK1744-D35

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com