Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCWH9GP-KXLX-4J8K-1 Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza LCWH9GP-KXLX-4J8K-1
Descripción Electrónicos  SMD epoxy package with silicone lens
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWH9GP-KXLX-4J8K-1 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWH9GP-KXLX-4J8K-1 Datasheet HTML 4Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 5Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 6Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 7Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 8Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 9Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 10Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 11Page - OSRAM GmbH LCWH9GP-KXLX-4J8K-1 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2014-04-28
8
Version 2.0
LCW H9GP
7J
0.3536
0.3646
5P
0.3975
0.3731
4U
0.4326
0.3801
0.3548
0.3736
0.4006
0.3815
0.4373
0.3893
0.3625
0.3711
0.4061
0.3773
0.4379
0.3814
0.3642
0.3805
0.4095
0.3858
0.4428
0.3906
8J
0.3548
0.3736
6P
0.4006
0.3815
5U
0.4373
0.3893
0.3560
0.3826
0.4036
0.3898
0.4420
0.3985
0.3642
0.3805
0.4095
0.3858
0.4428
0.3906
0.3659
0.3900
0.4130
0.3944
0.4477
0.3998
4K
0.3574
0.3427
7P
0.4036
0.3898
6U
0.4420
0.3985
0.3591
0.3522
0.4067
0.3982
0.4468
0.4077
0.3648
0.3479
0.4130
0.3944
0.4477
0.3998
0.3670
0.3578
0.4164
0.4029
0.4526
0.4090
5K
0.3591
0.3522
8P
0.4067
0.3982
7U
0.4468
0.4077
0.3608
0.3616
0.4097
0.4065
0.4515
0.4168
0.3670
0.3578
0.4164
0.4029
0.4526
0.4090
0.3692
0.3677
0.4198
0.4115
0.4576
0.4183
6K
0.3608
0.3616
9P
0.4097
0.4065
8U
0.4515
0.4168
0.3625
0.3711
0.4128
0.4148
0.4562
0.4260
0.3692
0.3677
0.4198
0.4115
0.4576
0.4183
0.3714
0.3775
0.4232
0.4201
0.4625
0.4275
7K
0.3625
0.3711
4Q
0.4027
0.3687
9U
0.4562
0.4260
0.3642
0.3805
0.4061
0.3773
0.4609
0.4352
0.3714
0.3775
0.4109
0.3726
0.4625
0.4275
0.3736
0.3874
0.4147
0.3814
0.4674
0.4367
8K
0.3642
0.3805
5Q
0.4061
0.3773
4V
0.4379
0.3814
0.3659
0.3900
0.4095
0.3858
0.4428
0.3906
0.3736
0.3874
0.4147
0.3814
0.4432
0.3826
0.3758
0.3973
0.4185
0.3902
0.4483
0.3919
4L
0.3648
0.3479
6Q
0.4095
0.3858
5V
0.4428
0.3906
0.3670
0.3578
0.4130
0.3944
0.4477
0.3998
0.3719
0.3522
0.4185
0.3902
0.4483
0.3919
0.3746
0.3624
0.4223
0.3990
0.4534
0.4011
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Número de pieza similar - LCWH9GP-KXLX-4J8K-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
More results

Descripción similar - LCWH9GP-KXLX-4J8K-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com