Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCWMVSG.EC-BXCX-4J8K-1 Datasheet(PDF) 1 Page - OSRAM GmbH

No. de pieza LCWMVSG.EC-BXCX-4J8K-1
Descripción Electrónicos  Automotive Interior Lighting
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC-BXCX-4J8K-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 1Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 2Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 3Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC-BXCX-4J8K-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2014-02-21
1
2014-02-21
Mini TOPLED
Datasheet
Version 1.0
LCW MVSG.EC
Small size high-flux LED for slim designs
Hocheffiziente, kompakte Lichtquelle für
platzsparende Designs
Features:
Besondere Merkmale:
• Package: white SMT package, colored diffused
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: Cx = 0.38, Cy = 0.38 acc. to CIE 1931
(warm white); CRI (typ.) = 82; CTR = 2700 K - 6500
K
• Farbe: Cx = 0.38, Cy = 0.38 nach CIE 1931
(warmweiß); CRI (typ.) = 82; CTR = 2700 K - 6500
K
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
• ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Aircraft Interior Lighting
• Flugzeugbeleuchtung innen
• White Goods Lighting
• Weiße Ware
• Pushbuttons and Switches
• Schalter und Taster
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Número de pieza similar - LCWMVSG.EC-BXCX-4J8K-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LCWMVSG.EC OSRAM-LCWMVSG.EC Datasheet
1Mb / 26P
   Small size high-flux LED for slim designs
More results

Descripción similar - LCWMVSG.EC-BXCX-4J8K-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LWG6SP-EAFA-JKQL-1 OSRAM-LWG6SP-EAFA-JKQL-1 Datasheet
678Kb / 23P
   Automotive Interior Lighting
LWM673 OSRAM-LWM673 Datasheet
648Kb / 23P
   Automotive Interior Lighting
KODELPS1.22 OSRAM-KODELPS1.22 Datasheet
696Kb / 22P
   Automotive Interior Lighting
LGT671 OSRAM-LGT671 Datasheet
439Kb / 19P
   Automotive Interior Lighting
LCBM67S-N2R1-4R6T OSRAM-LCBM67S-N2R1-4R6T Datasheet
603Kb / 22P
   Automotive Interior Lighting
LWG6CP-EAFA-JKQL-1 OSRAM-LWG6CP-EAFA-JKQL-1 Datasheet
673Kb / 23P
   Automotive Interior Lighting
LWT6SC OSRAM-LWT6SC Datasheet
793Kb / 23P
   Automotive Interior Lighting
LTTTSD OSRAM-LTTTSD Datasheet
737Kb / 22P
   Automotive Interior Lighting
LSG6SP-CADB-1-1 OSRAM-LSG6SP-CADB-1-1 Datasheet
610Kb / 21P
   Automotive Interior Lighting
LYT670 OSRAM-LYT670 Datasheet
443Kb / 19P
   Automotive Interior Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com