Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCS1002-1-BP-TR Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza UCS1002-1-BP-TR
Descripción Electrónicos  Programmable USB Port Power Controller with Charger Emulation
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1002-1-BP-TR Datasheet(HTML) 10 Page - Microchip Technology

Back Button UCS1002-1-BP-TR Datasheet HTML 6Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 7Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 8Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 9Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 10Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 11Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 12Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 13Page - Microchip Technology UCS1002-1-BP-TR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.4 (07-16-13)
10
SMSC UCS1002
DATASHEET
Chapter 1 Terms and Abbreviations
APPLICATION NOTE: The M1, M2, PWR_EN, and EM_EN pins each have configuration bits (<pin name>_SET in
Section 10.4.3, "Switch Configuration - 17h") that may be used to perform the same function
as the external pin state. These bits are accessed via the SMBus / I2C and are OR’d with
the respective pin. This OR’d combination of pin state and register bit is referenced as the
<pin name> control.
Table 1.1 Terms and Abbreviations
TERM /
ABBREVIATION
DESCRIPTION
Active mode
Active power state operation mode: Data Pass-through, BC1.2 SDP, BC1.2 CDP, BC1.2
DCP, or Dedicated Charger Emulation Cycle.
Attach Detection
An Attach Detection event occurs when the current drawn by a portable device is greater
than IDET_QUAL for longer than tDET_QUAL.
attachment
The physical insertion of a portable device into a USB port that UCS1002 is controlling.
CC
Constant current
CDM
Charged Device Model. JEDEC model for characterizing susceptibility of a device to
damage from ESD.
CDP or USB-IF
BC1.2 CDP
Charging downstream port. The combination of the UCS1002 CDP handshake and an
active standard USB host comprises a CDP. This enables a BC1.2 compliant portable
device to simultaneously draw current up to 1.5 A while data communication is active. The
USB high-speed data switch is closed in this mode.
charge enable
When a charger emulation profile has been accepted by a portable device and charging
commences.
charger emulation
profile
Representation of a charger comprised of DPOUT, DMOUT, and VBUS signalling which
make up a defined set of signatures or handshaking protocols.
connection
USB-IF term which refers to establishing active USB communications between a USB host
and a USB device.
current limiting mode
Determines the action that is performed when the IBUS current reaches the ILIM threshold.
Trip opens the port power switch. Constant current (variable slope) allows VBUS to be
dropped by the portable device.
DCE
Dedicated charger emulation. Charger emulation in which the UCS1002 can deliver power
only (by default). No active USB data communication is possible when charging in this
mode (by default).
DCP or USB-IF
BC1.2 DCP
Dedicated Charging Port. This functions as a dedicated charger for a BC1.2 portable
device. This allows the portable device to draw currents up to 1.5 A with constant current
limiting (and beyond 1.5 A with trip current limiting). No USB communications are possible
(by default).
DC
Dedicated charger. A charger which inherently does not have USB communications, such
as an A/C wall adapter.
disconnection
USB-IF term which refers to the loss of active USB communications between a USB host
and a USB device.


Número de pieza similar - UCS1002-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMSC Corporation
UCS1002-1-BP-TR SMSC-UCS1002-1-BP-TR Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
More results

Descripción similar - UCS1002-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
   USB Port Power Controller with Charger Emulation
07/14/15
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com