Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCS1001-1-BP-TR Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza UCS1001-1-BP-TR
Descripción Electrónicos  USB Port Power Controller with Charger Emulation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS1001-1-BP-TR Datasheet(HTML) 10 Page - Microchip Technology

Back Button UCS1001-1-BP-TR Datasheet HTML 6Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 7Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 8Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 9Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 10Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 11Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 12Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 13Page - Microchip Technology UCS1001-1-BP-TR Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
USB Port Power Controller with Charger Emulation
Datasheet
Revision 1.2 (05-21-12)
10
SMSC UCS1001
DATASHEET
Chapter 2 Pin Description
Figure 2.1 UCS1001-1 Pin Diagram
M2
1
2
3
4
M1
5
15
14
13
12
ILIM
VBUS1
VBUS2
DPIN
S0
LATCH
DMIN
ALERT#
11
GND FLAG
UCS1001-1
20-QFN 4mm x 4mm


Número de pieza similar - UCS1001-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-3-BP-TR MICROCHIP-UCS1001-3-BP-TR Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3-BP-TR SMSC-UCS1001-3-BP-TR Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-4 MICROCHIP-UCS1001-4 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results

Descripción similar - UCS1001-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
   USB Port Power Controller with Charger Emulation
07/14/15
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
SMSC Corporation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com