Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74VHC1GT14DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza M74VHC1GT14DFT1G
Descripción Electrónicos  Schmitt-Trigger Inverter / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT14DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  M74VHC1GT14DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GT14
www.onsemi.com
4
3.0 V
GND
50%
50% VCC
A
Y
tPHL
tPLH
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Switching Waveforms
Figure 5. Test Circuit
VOH
VOL
ORDERING INFORMATION
Device
Package
Shipping
M74VHC1GT14DFT1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000/Tape & Reel
M74VHC1GT14DFT2G
SC70−5/SC−88A/SOT−353
(Pb−Free)
M74VHC1GT14DTT1G
SOT23−5/TSOP−5/SC59−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - M74VHC1GT14DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
204Kb / 14P
   Single Schmitt-Trigger Inverter
November, 2018 ??Rev. 21
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
M74VHC1GT14DFT1G-L22038 ONSEMI-M74VHC1GT14DFT1G-L22038 Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
More results

Descripción similar - M74VHC1GT14DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
   Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Torex Semiconductor
XC74UL14AA TOREX-XC74UL14AA Datasheet
92Kb / 3P
   CMOS Schmitt Trigger Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com