Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M74VHC1GU04DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza M74VHC1GU04DFT1G
Descripción Electrónicos  Single Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GU04DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  M74VHC1GU04DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74VHC1GU04
www.onsemi.com
4
VCC
GND
50% VCC
A
Y
tPLH
tPHL
VOH
VOL
50% VCC
Figure 4. Switching Waveforms
Figure 5. Test Circuit
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for propagation delay tests.
CL*
INPUT
OUTPUT
ORDERING INFORMATION
Device
Package
Shipping
MC74VHC1GU04DF1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
3000 / Tape & Reel
MC74VHC1GU04DF2G
M74VHC1GU04DFT1G
M74VHC1GU04DFT2G
NLVVHC1GU04DFT2G*
M74VHC1GU04DTT1G
TSOP−5/SOT23−5/SC59−5
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Número de pieza similar - M74VHC1GU04DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
M74VHC1GU04DFT1G-L22038 ONSEMI-M74VHC1GU04DFT1G-L22038 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results

Descripción similar - M74VHC1GU04DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com