Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX91210 Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

No. de pieza MLX91210
Descripción Electrónicos  MLX91210 Integrated Current Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91210 Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX91210 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91210 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MLX91210 Integrated Current Sensor IC
Datasheet
Page 6 of 18
REVISION 1 - JULY 20, 2016
DOCUMENT 3901091210
5. Absolute Maximum Ratings
Parameter
Value
Positive Supply Voltage (overvoltage)
+ 10 V
Reverse Supply Voltage
- 0.3 V
Positive Output Voltage
+ 10 V
Positive Output Current
+ 70 mA
Reverse Output Voltage
- 0.3 V
Reverse Output Current
- 50 mA
Operating Ambient Temperature Range, TA
- 40°C to + 125°C
Storage Temperature Range, TS
- 55°C to + 165°C
Maximum Junction Temperature, TJ
+ 165°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum-
rated conditions for extended periods may affect device reliability.
For more information on how the junction temperature relates to the applied current and ambient
temperature range, please refer to section 7.


Número de pieza similar - MLX91210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91216 MELEXIS-MLX91216 Datasheet
1Mb / 14P
   High Speed Current Sensor IC
MLX91217 MELEXIS-MLX91217 Datasheet
1Mb / 17P
   High Speed Current Sensor IC
MLX91218 MELEXIS-MLX91218 Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-AFV-204-RE MELEXIS-MLX91218LDC-AFV-204-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
MLX91218LDC-ARV-300-RE MELEXIS-MLX91218LDC-ARV-300-RE Datasheet
909Kb / 28P
   High Speed Current Sensor IC with OCD
Rev003 2 March 2023
More results

Descripción similar - MLX91210

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
   MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
logo
Allegro MicroSystems
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
   Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
   Current Sensor IC
16.Jan.2019 Rev.002
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
   Integrated Current Sensor
Version 1.0
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com