Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX91209 Datasheet(PDF) 10 Page - Melexis Microelectronic Systems

No. de pieza MLX91209
Descripción Electrónicos  Current Sensor IC in VA package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91209 Datasheet(HTML) 10 Page - Melexis Microelectronic Systems

Back Button MLX91209 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX91209 Datasheet HTML 14Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MLX91209CA
Current Sensor IC in VA package
390109120901
Page 10 of 15
MLX91209
Rev 010
March 2016
Recommended Application Diagrams
Resistor and capacitor values
Part
Description
Value
Unit
C1
Supply capacitor, EMI, ESD
100
nF
C2
Decoupling, EMI, ESD
2-10
(1)
nF
R1
Pull up or pull down resistor
6 - 100
Table 10: Resistor and capacitor values
(1) 10nF is recommended for better EMC and ESD performance.
Pull down resistor for diagnostic low
1
2
3
4
Supply voltage
Analog output
GND
VSS
TEST/MUST
OUT
VDD
MLX91209
C1
C2
R1
Figure 3: Diagnostic low
Pull up resistor for diagnostic high
1
2
3
4
Supply voltage
Analog output
GND
VSS
TEST/MUST
OUT
VDD
MLX91209
C1
C2
R1
Figure 4: Diagnostic high


Número de pieza similar - MLX91209

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209 Datasheet
243Kb / 8P
   PTC04 Daughter Board for MLX91209
MLX91209 MELEXIS-MLX91209 Datasheet
1Mb / 15P
   Hall Current Sensor IC in VA package
MLX91209 MELEXIS-MLX91209_18 Datasheet
1Mb / 15P
   Hall Current Sensor IC in VA package
More results

Descripción similar - MLX91209

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91209 MELEXIS-MLX91209_18 Datasheet
1Mb / 15P
   Hall Current Sensor IC in VA package
logo
Allegro MicroSystems
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS709 ALLEGRO-ACS709 Datasheet
474Kb / 16P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
ACS709_V ALLEGRO-ACS709_V Datasheet
482Kb / 17P
   High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
   Current Sensor IC
16.Jan.2019 Rev.002
logo
Allegro MicroSystems
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
logo
Melexis Microelectronic...
MLX91210 MELEXIS-MLX91210 Datasheet
1Mb / 18P
   MLX91210 Integrated Current Sensor IC
MLX91221 MELEXIS-MLX91221 Datasheet
1Mb / 37P
   MLX91221 Integrated Current Sensor IC
REVISION 2.0 - MAY 4, 2022
MLX91216 MELEXIS-MLX91216 Datasheet
1Mb / 14P
   High Speed Current Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com