Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX91206LDCCAL-002TU Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

No. de pieza MLX91206LDCCAL-002TU
Descripción Electrónicos  IMC-HallCurrent Sensor (TriaxisTechnology)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX91206LDCCAL-002TU Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  MLX91206LDCCAL-002TU Datasheet HTML 1Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 2Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 3Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX91206LDCCAL-002TU Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MLX91206
IMC-Hall
®
Current Sensor (Triaxis
®
Technology)
3901091206
Page 4
Datasheet MLX91206
Rev 043
April 2016
3 Glossary of Terms
Tesla
Units for the magnetic flux density, 1 mT = 10 Gauss
TC
Temperature Coefficient in ppm/deg C
NC
Not Connected
PWM
Pulse Width Modulation
%DC
Duty Cycle of the output signal i.e. TON /(TON + TOFF)
ADC
Analog to Digital Converter
DAC
Digital to Analog Converter
LSB
Least Significant Bit
MSB
Most Significant Bit
DNL
Differential Non Linearity
INL
Integral Non Linearity
IMC
Integrated Magneto Concentrator (IMC
)
PTC
Programming Through Connector
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Positive Supply Voltage (overvoltage)
Vdd
+20
V
Reverse Supply Voltage Protection
-10
V
Positive Output Voltage
+10
+14 (200 s max, TA = +25°C)
V
Output Current
Iout
±300
mA
Reverse Output Voltage
-0.3
V
Reverse Output Current
-50
mA
Operating Ambient Temperature Range
TA
-40 to +150
°
C
Storage Temperature Range
TS
-55 to +165
°
C
Magnetic Flux Density
±0.2
T
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute maximum
rated conditions for extended periods may affect device reliability.
5 Pin Definitions and Descriptions
Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage
2
VSS
Ground
Supply Voltage
3
VDIG
Supply
Digital supply voltage, 3.3 V, internal regulated
4
MUST1
Digital
Test and Factory calibration
5
OUT / PWM
Analog/Digital
Current sensor output
6
TESTOUT
Digital
Test and Factory calibration
7
MUST0
Digital
Test and Factory calibration
8
TEMPOUT
Analog
Temperature Sensor Output
Table 2: Pin definition and description
It is recommended to connect the unused pins to the Ground (see section 16) for optimal EMC results.


Número de pieza similar - MLX91206LDCCAL-002TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91204 MELEXIS-MLX91204 Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001RE MELEXIS-MLX91204KDCABA-001RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-001TU MELEXIS-MLX91204KDCABA-001TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002RE MELEXIS-MLX91204KDCABA-002RE Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
MLX91204KDCABA-002TU MELEXIS-MLX91204KDCABA-002TU Datasheet
303Kb / 11P
   360 Degrees Hi-Speed Rotary Position Sensor
More results

Descripción similar - MLX91206LDCCAL-002TU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX91205 MELEXIS-MLX91205 Datasheet
463Kb / 14P
   IMC-HallCurrent Sensor (TriaxisTechnology)
MLX91208 MELEXIS-MLX91208 Datasheet
975Kb / 17P
   IMC-Hall Current Sensor (TriaxisTechnology)
CSA-1V MELEXIS-CSA-1V Datasheet
353Kb / 6P
   IMC-Hall짰 Current Sensor
MLX91208 MELEXIS-MLX91208_18 Datasheet
1Mb / 20P
   IMC-Hall짰 Current Sensor (Triaxis짰Technology)
logo
PHOENIX CONTACT
1857896 PHOENIX-1857896 Datasheet
133Kb / 6P
   IMC 1,5/ 3-ST-3,81
1857948 PHOENIX-1857948 Datasheet
137Kb / 6P
   IMC 1,5/ 8-ST-3,81
1857883 PHOENIX-1857883 Datasheet
133Kb / 6P
   IMC 1,5/ 2-ST-3,81
1857906 PHOENIX-1857906 Datasheet
133Kb / 6P
   IMC 1,5/ 4-ST-3,81
logo
3M Electronics
IMC 3M-IMC Datasheet
325Kb / 4P
   LifeASSURE??IMC Series Filter Cartridge
logo
PHOENIX CONTACT
1857922 PHOENIX-1857922 Datasheet
137Kb / 6P
   IMC 1,5/ 6-ST-3,81
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com