Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM2D-Z Datasheet(PDF) 11 Page - AIMTEC

No. de pieza AM2D-Z
Descripción Electrónicos  2 Watt | DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2D-Z Datasheet(HTML) 11 Page - AIMTEC

Back Button AM2D-Z_16 Datasheet HTML 3Page - AIMTEC AM2D-Z_16 Datasheet HTML 4Page - AIMTEC AM2D-Z_16 Datasheet HTML 5Page - AIMTEC AM2D-Z_16 Datasheet HTML 6Page - AIMTEC AM2D-Z_16 Datasheet HTML 7Page - AIMTEC AM2D-Z_16 Datasheet HTML 8Page - AIMTEC AM2D-Z_16 Datasheet HTML 9Page - AIMTEC AM2D-Z_16 Datasheet HTML 10Page - AIMTEC AM2D-Z_16 Datasheet HTML 11Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Series AM2D-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.J
11 of 11
North America only
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured. 3.Mechanical drawings and specifications are for reference only. 4.All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5.Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2D‐2405SZ Efficiency vs. Loading
0
10
20
30
40
50
60
70
80
90
100
20%
40%
60%
80%
100%
Loading %
AM2D‐4805SZ Efficiency vs. Loading


Número de pieza similar - AM2D-Z_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM2D-Z AIMTEC-AM2D-Z_13 Datasheet
286Kb / 7P
   2 Watt | DC-DC Converter
More results

Descripción similar - AM2D-Z_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com