Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX92242 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

No. de pieza MLX92242
Descripción Electrónicos  2-Wire EOL programmable Hall Effect Latch/Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92242 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button MLX92242 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX92242 Datasheet HTML 13Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MLX92242
2-Wire EOL programmable Hall Effect Latch/Switch
3901092242
Page 9 of 13
Data Sheet
Rev 2
May/14
12.
Application Information
12.1 Typical Automotive Application Circuit
C1
10nF
VDD
GND
TEST
RSENSE
VCC
Notes:
1. For proper operation, a 10 to 100nF bypass capacitor
should be placed as close as possible to the VDD and ground
(GND) pin.
2. The TEST pin is to be connected to GND or left open.
MLX92242
ECU
VHSENSE
100
12.2 Automotive and Harsh, Noisy Environments Application Circuit
C1
100nF
VDD
GND
TEST
RSENSE
VCC
Notes:
1. For proper operation, a 10 to 100nF bypass capacitor should be
placed as close as possible to the VDD and ground (GND) pin.
2. The device can tolerate positive voltages up to +28 (+32)V and
negative voltages down to -24 (-30)V.
If bigger transients over the supply line are expected the usage of
D1 and DZ1 (24...27V) is recommended.
The series resistor R1 is used to limit the current through DZ1 and
to improve the EMC performance.
MLX92242
ECU
VHSENSE
100
DZ1
(Optional)
D1
(Optional)
R1
100


Número de pieza similar - MLX92242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-AAA MELEXIS-MLX92241-AAA Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-LSERE MELEXIS-MLX92241LSE-AAA-LSERE Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
More results

Descripción similar - MLX92242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX92221 MELEXIS-MLX92221 Datasheet
801Kb / 14P
   2-Wire Hall Effect Latch
MLX92221LSE-AAA-002 MELEXIS-MLX92221LSE-AAA-002 Datasheet
732Kb / 11P
   2-Wire Hall Effect Latch
MLX92221-AAA MELEXIS-MLX92221-AAA Datasheet
868Kb / 17P
   2-Wire Hall Effect Latch
MLX92212 MELEXIS-MLX92212 Datasheet
737Kb / 12P
   3-Wire Hall Effect Latch / Switch
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com