Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MLX92232LUA-AAA-001-BU Datasheet(PDF) 11 Page - Melexis Microelectronic Systems

No. de pieza MLX92232LUA-AAA-001-BU
Descripción Electrónicos  End of line programmable Hall-effect Latch / Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MELEXIS [Melexis Microelectronic Systems]
Página de inicio  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX92232LUA-AAA-001-BU Datasheet(HTML) 11 Page - Melexis Microelectronic Systems

Back Button MLX92232LUA-AAA-001-BU Datasheet HTML 4Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 5Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 6Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 7Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 8Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 9Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 10Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 11Page - Melexis Microelectronic Systems MLX92232LUA-AAA-001-BU Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MLX92232
End of line programmable Hall-effect Latch / Switch
3901092232 – REV 2
Page 11 of 12
Nov/14
11.1 SE (TSOT-3L) Package Information
2.75 BSC
1.60 BSC
0.88
+0.02
- 0.03
1.00 MAX
0.075
+0.025
- 0.050
SEATING PLANE
0.575 REF.
0.40
+/-0.10
0.50 BSC
WITH PLATING
~
BASE METAL
SECTION B-
B’
B
B’
Notes:
1. All dimensions are in millimeters
2. Outermost plastic extreme width does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.15mm
per side.
3. Outermost plastic extreme length does not include mold flash or
protrusions. Mold flash and protrusions shall not exceed 0.25mm
per side.
4. The lead width dimension does not include dambar protrusion.
Allowable dambar protrusion shall be 0.07mm total in excess of the
lead width dimension at maximum material condition.
5. Dimension is the length of terminal for soldering to a substrate.
6. Dimension on SECTION B-
B’ applies to the flat section of the lead
between 0.08mm and 0.15mm from the lead tip.
7. Formed lead shall be planar with respect to one another with
0.076mm at seating plane.
see note 2
see note 5
12° REF.
TYP.
0.35
+0.05
- 0.10
0.30
0.45
0.10 R.
MIN.
+/-4
0.10 R.
MIN.
see note 6
SEATING PLANE
TOP VIEW
END VIEW
SIDE VIEW
Hall plate location
Notes:
1. All dimensions are in millimeters
TOP VIEW
END VIEW
Package line
1.51
0.28
SE Pin
Name
Type
Function
1
VDD
Supply
Supply Voltage pin
2
OUT
Output
Open Drain output pin
3
GND
Ground
Ground pin
Table 7: SE Package pinout


Número de pieza similar - MLX92232LUA-AAA-001-BU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX92232LUA-AAA-001-BU MELEXIS-MLX92232LUA-AAA-001-BU Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
More results

Descripción similar - MLX92232LUA-AAA-001-BU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Melexis Microelectronic...
MLX92232 MELEXIS-MLX92232_18 Datasheet
1Mb / 16P
   End of Line programmable 3-Wire Hall Effect Latch/Switch
logo
Allegro MicroSystems
APS11900 ALLEGRO-APS11900 Datasheet
1Mb / 21P
   Two-Wire End-of-Line Programmable Hall-Effect Switch/Latch
logo
Melexis Microelectronic...
MLX92361 MELEXIS-MLX92361 Datasheet
795Kb / 18P
   Isolated output programmable Hall Effect Latch/Switch/Omnipolar switch
REVISION 2 - FEBRUARY 2023
MLX92242 MELEXIS-MLX92242 Datasheet
833Kb / 13P
   2-Wire EOL programmable Hall Effect Latch/Switch
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
   PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
   Highly Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com