Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCS1002-1-BP-TR Datasheet(PDF) 11 Page - SMSC Corporation

No. de pieza UCS1002-1-BP-TR
Descripción Electrónicos  Programmable USB Port Power Controller with Charger Emulation
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMSC [SMSC Corporation]
Página de inicio  http://www.smsc.com
Logo SMSC - SMSC Corporation

UCS1002-1-BP-TR Datasheet(HTML) 11 Page - SMSC Corporation

Back Button UCS1002-1-BP-TR Datasheet HTML 7Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 8Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 9Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 10Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 11Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 12Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 13Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 14Page - SMSC Corporation UCS1002-1-BP-TR Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
Programmable USB Port Power Controller with Charger Emulation
Datasheet
SMSC UCS1002
11
Revision 1.4 (07-16-13)
DATASHEET
dynamic thermal
management
The UCS1002 automatically adjusts port power switch limits and modes to lower internal
power dissipation when the thermal regulation temperature value is approached.
enumeration
A USB-specific term that indicates that a host is detecting and identifying USB devices.
handshake
Application of a charger emulation profile that requires a response. Two-way
communication between the UCS1002 and the portable device.
HBM
Human Body Model.
HSW
High-speed switch.
IBUS_R2MIN
Current limiter mode boundary.
ILIM
The IBUS current threshold used in current limiting. In trip mode, when ILIM is reached,
the port power switch is opened. In constant current mode, when the current exceeds ILIM,
operation continues at a reduced voltage and increased current; if VBUS voltage drops
below VBUS_MIN, the port power switch is opened.
Legacy
USB devices that require non-BC1.2 signatures be applied on the DPOUT and DMOUT
pins to enable charging.
OCL
Over-current limit.
POR
Power-on reset.
portable device
USB device attached to the USB port.
power thief
A USB device that does not follow the handshaking conventions of a BC1.2 device or
Legacy devices and draws current immediately upon receiving power (i.e., a USB book
light, portable fan, etc).
Removal Detection
A Removal Detection event occurs when the current load on the VBUS pin drops to less
than IREM_QUAL for longer than tREM_QUAL.
removal
The physical removal of a portable device from a USB port that the UCS1002 is controlling.
response
An action, usually in response to a stimulus, in charger emulation performed by the
UCS1002 device via the USB data lines.
SDP or USB-IF SDP
Standard downstream port. The combination of the UCS1002 high-speed switch being
closed with an upstream USB host present comprises a BC1.2 SDP. This enables a BC1.2
compliant portable device to simultaneously draw current up to 0.5 A while data
communication is active.
signature
Application of a charger emulation profile without waiting for a response. One-way
communication from the UCS1002 to the portable device.
Stand-alone mode
Indicates that the communications protocol is not active and all communications between
the UCS1002 and a controller are done via the external pins only (M1, M2, EM_EN,
PWR_EN, S0, and LATCH as inputs and ALERT# and A_DET# as outputs).
stimulus
An event in charger emulation detected by the UCS1002 device via the USB data lines.
Table 1.1 Terms and Abbreviations (continued)
TERM /
ABBREVIATION
DESCRIPTION


Número de pieza similar - UCS1002-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
UCS1002-1-BP-TR MICROCHIP-UCS1002-1-BP-TR Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
More results

Descripción similar - UCS1002-1-BP-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
   Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
   Programmable USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
   USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
   USB Port Power Controller with Charger Emulation
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
   USB Port Power Controller with Charger Emulation
07/14/15
UCS81003 MICROCHIP-UCS81003 Datasheet
1Mb / 108P
   Automotive USB Port Power Controller with Charger Emulation
03/25/14
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
   Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
   Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com