Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14027B Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC14027B
Descripción Electrónicos  Dual J-K Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14027B Datasheet(HTML) 4 Page - ON Semiconductor

  MC14027B Datasheet HTML 1Page - ON Semiconductor MC14027B Datasheet HTML 2Page - ON Semiconductor MC14027B Datasheet HTML 3Page - ON Semiconductor MC14027B Datasheet HTML 4Page - ON Semiconductor MC14027B Datasheet HTML 5Page - ON Semiconductor MC14027B Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14027B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 12.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Times**
Clock to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
Set to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 90 ns
tPLH, tPHL = (0.66 ns/pF) CL + 42 ns
tPLH, tPHL = (0.5 ns/pF) CL + 25 ns
Reset to Q, Q
tPLH, tPHL = (1.7 ns/pF) CL + 265 ns
tPLH, tPHL = (0.66 ns/pF) CL + 67 ns
tPLH, tPHL = (0.5 ns/pF) CL + 50 ns
tPLH,
tPHL
5.0
10
15
175
75
50
350
150
100
ns
5.0
10
15
175
75
50
350
150
100
5.0
10
15
350
100
75
450
200
150
Setup Times
tsu
5.0
10
15
140
50
35
70
25
17
ns
Hold Times
th
5.0
10
15
140
50
35
70
25
17
ns
Clock Pulse Width
tWH, tWL
5.0
10
15
330
110
75
165
55
38
ns
Clock Pulse Frequency
fcl
5.0
10
15
3.0
9.0
13
1.5
4.5
6.5
MHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5.0
4.0
ms
Removal Times
Set
trem
5
10
15
90
45
35
10
5
3
ns
Reset
5
10
15
50
25
20
– 30
– 15
– 10
Set and Reset Pulse Width
tWH
5.0
10
15
250
100
70
125
50
35
ns
5. The formulas given are for the typical characteristics only at 25
_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Número de pieza similar - MC14027B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027B ONSEMI-MC14027B Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
MC14027BCP ONSEMI-MC14027BCP Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
MC14027BCP ONSEMI-MC14027BCP Datasheet
103Kb / 8P
   Dual J?묷 Flip?묯lop
August, 2005 ??Rev. 6
More results

Descripción similar - MC14027B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14027B ONSEMI-MC14027B Datasheet
183Kb / 8P
   Dual J-K Flip-Flop
March, 2000 ??Rev. 3
logo
Pyramid Semiconductor C...
ML688T PYRAMID-ML688T Datasheet
2Mb / 3P
   Dual J-K Flip-Flop
logo
Hitachi Semiconductor
HD14027B HITACHI-HD14027B Datasheet
79Kb / 7P
   Dual J-K Flip Flop
logo
Motorola, Inc
MC14027B MOTOROLA-MC14027B Datasheet
213Kb / 6P
   Dual J-K Flip-Flop
logo
List of Unclassifed Man...
MC524 ETC1-MC524 Datasheet
297Kb / 6P
   DUAL J-K FLIP-FLOP
logo
Motorola, Inc
MC74HC73 MOTOROLA-MC74HC73 Datasheet
170Kb / 5P
   Dual J-K Flip-Flop with Reset
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
   DUAL J-K FLIP FLOP WITH CLEAR
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com