Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM60U-Z Datasheet(PDF) 2 Page - AIMTEC

No. de pieza AM60U-Z
Descripción Electrónicos  60 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIMTEC [AIMTEC]
Página de inicio  https://aimtec.com
Logo AIMTEC - AIMTEC

AM60U-Z Datasheet(HTML) 2 Page - AIMTEC

  AM60U-Z_16 Datasheet HTML 1Page - AIMTEC AM60U-Z_16 Datasheet HTML 2Page - AIMTEC AM60U-Z_16 Datasheet HTML 3Page - AIMTEC AM60U-Z_16 Datasheet HTML 4Page - AIMTEC AM60U-Z_16 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM60U-Z
60 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
2 of 5
North America only
Output Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Load voltage regulation
0% to 100% Full Load
±0.5
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth (3.3 & 5V)
20MHz Bandwidth (12 & 15V)
75
100
mV p-p
Transient Response Deviation
±3
% of Max
Transient Recovery
250
µsec
Voltage adjustment range
±10
%
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
270
KHz
Operating temperature
With derating above 40
oC
(see graph below)
-40 to +85
oC
Storage temperature
-40 to +125
oC
Maximum case temperature
110
oC
Derating
Above 40
oC
2
%/
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel – coated Copper
Weight
70
g
Dimensions (L x W x H)
2.00 x 2.00 x 0.40 inches
50.81 x 50.81 10.14 mm
MTBF
>110 000 hrs ( MIL-HDBK-217 F at +25
oC)
Maximum soldering temperature
1.5mm from case for 10 sec
260
oC
Safety Specifications
Parameters
Standards
Designed to meet IEC 60950-1:2001 and EN55022:2006 + A1:2007, Class B
Internal EMI Filter designed to meet EN55022 Class A
Pin Out Specifications
Pin
Single
1
+V Input
2
-V Input
3
On/Off Control
4
-Sense
5
+Sense
6
+V Output
7
-V Output
8
Trim


Número de pieza similar - AM60U-Z_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
   60 Watt | DC-DC Converter
More results

Descripción similar - AM60U-Z_16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
   60 Watt | DC-DC Converter
AME60-MJZ AIMTEC-AME60-MJZ Datasheet
207Kb / 5P
   60 Watt | AC-DC / DC-DC Converter
logo
Eaton All Rights Reserv...
EPM25-2V EATON-EPM25-2V Datasheet
1Mb / 10P
   60 Watt isolated DC-DC converter
March 2022
logo
TRACO Electronic AG
TMDC60 TRACOPOWER-TMDC60 Datasheet
960Kb / 4P
   DC/DC Converter TMDC 60 Series, 60 Watt
Rev. March 16, 2023
logo
ETA-USA
ERB-HWB ETA-USA-ERB-HWB Datasheet
481Kb / 3P
   60 WATT AC-DC CONVERTER
ERB-HWA ETA-USA-ERB-HWA Datasheet
372Kb / 3P
   60 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TMDC60H TRACOPOWER-TMDC60H Datasheet
958Kb / 4P
   DC/DC Converter TMDC 60H Series, 60 Watt
Rev. March 17, 2023
logo
C&D Technologies
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com