Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4360-1BCP Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADF4360-1BCP
Descripción Electrónicos  Integrated Synthesizer and VCO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4360-1BCP Datasheet HTML 4Page - Analog Devices ADF4360-1BCP Datasheet HTML 5Page - Analog Devices ADF4360-1BCP Datasheet HTML 6Page - Analog Devices ADF4360-1BCP Datasheet HTML 7Page - Analog Devices ADF4360-1BCP Datasheet HTML 8Page - Analog Devices ADF4360-1BCP Datasheet HTML 9Page - Analog Devices ADF4360-1BCP Datasheet HTML 10Page - Analog Devices ADF4360-1BCP Datasheet HTML 11Page - Analog Devices ADF4360-1BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrA 07/03
–8–
ADF4360-2
R COUNTER
The 14-bit R counter allows the input reference frequency
to be divided down to produce the reference clock to the
phase frequency detector (PFD). Division ratios from 1 to
16,383 are allowed.
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter
(N=BP+A) and produces an output proportional to the
phase and frequency difference between them. Figure 4 is a
simplified schematic. The PFD includes a programmable
delay element which controls the width of the anti-backlash
pulse. This pulse ensures that there is no deadzone in the
PFD transfer function and minimizes phase noise and
reference spurs. Two bits in the R Counter Latch, ABP2
and ABP1 control the width of the pulse. See Page 14.
Figure 4. PFD Simplified Schematic and Timing (In Lock)
Figure 5. MUXOUT Circuit
INPUT SHIFT REGISTER
The ADF4360 family’s digital section includes a 24-bit
input shift register, a 14-bit R counter and a 18-bit N
counter, comprising a 5-bit A counter and a 13-bit B
counter. Data is clocked into the 24-bit shift register on
each rising edge of CLK. The data is clocked in MSB
first. Data is transferred from the shift register to one of
four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits
(C2, C1) in the shift register.
These are the two lsb's
DB1, DB0 as shown in the timing diagram of Figure 1.
The truth table for these bits is shown in Table 1. Table 2
shows a summary of how the latches are programmed.
Please note that the Test Modes Latch is used for Factory
Testing snd should not be programmed by the user.
Control Bits
C2
C1
Data Latch
0
0
Control Latch
0
1
R Counter
1
0
N Counter (A & B)
1
1
Test Modes Latch
HI
HI
D1
D2
Q1
Q2
CLR1
CLR2
CP
U1
U2
U3
UP
DOWN
CHARGE
PUMP
ABP2
ABP1
CPGND
VP
R DIVIDER
N DIVIDER
R DIVIDER
N DIVIDER
CP OUTPUT
Analog Lock Detect
MUXOUT
CONTROL
Digital Lock Detect
R Counter Output
N Counter Output
SDOUT
MUX
DV
DD
DGND
Table I. C2, C1 Truth Table
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4360 family allows
the user to access various internal points on the chip.
The
state of MUXOUT is controlled by M3, M2 and M1 in
the Function Latch. The full truth table is shown on page
13. Figure 5 shows the MUXOUT section in block
diagram form.
Lock Detect
MUXOUT can be programmed for two types of lock
detect: digital lock detect and analog lock detect.
Digital lock detect is active high. When LDP in the R
Counter latch is set to 0, digital lock detect is set high
when the phase error on three consecutive Phase Detector
cycles is less than 15ns.
With LDP set to "1", five consecutive cycles of less than
15ns phase error are required to set the lock detect. It will
stay set high until a phase error of greater than 25ns is
detected on any subsequent PD cycle.
The N-channel open-drain analog lock detect should be
operated with an external pull-up resistor of 10k
nominal.
When lock has been detected this output will be
high with narrow low-going pulses.


Número de pieza similar - ADF4360-1BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4360-1BCP AD-ADF4360-1BCP Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPRL AD-ADF4360-1BCPRL Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPRL7 AD-ADF4360-1BCPRL7 Datasheet
857Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
335Kb / 24P
   Integrated Synthesizer and VCO
Rev. C
ADF4360-1BCPZ AD-ADF4360-1BCPZ Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
More results

Descripción similar - ADF4360-1BCP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com