Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L7924CT Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza L7924CT
Descripción Electrónicos  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7924CT Datasheet(HTML) 3 Page - STMicroelectronics

  L7924CT Datasheet HTML 1Page - STMicroelectronics L7924CT Datasheet HTML 2Page - STMicroelectronics L7924CT Datasheet HTML 3Page - STMicroelectronics L7924CT Datasheet HTML 4Page - STMicroelectronics L7924CT Datasheet HTML 5Page - STMicroelectronics L7924CT Datasheet HTML 6Page - STMicroelectronics L7924CT Datasheet HTML 7Page - STMicroelectronics L7924CT Datasheet HTML 8Page - STMicroelectronics L7924CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
L7900 SERIES
3/16
ORDERING CODES
(*) Available in Tape & Reel with the suffix "-TR".
TEST CIRCUIT
ELECTRICAL CHARACTERISTICS OF L7905C (refer to the test circuits, TJ = 0 to 125°C, VI = -10V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
TYPE
TO-220
D2PAK (*)
TO-220FP
TO-3
OUTPUT VOLTAGE
L7905C
L7905CV
L7905ACD2T
L7905CP
L7905CT
-5 V
L7952C
L7952CV
L7952ACD2T
L7952CT
-5.2 V
L7906C
L7906CV
L7906ACD2T
L7906CP
L7906CT
-6 V
L7908C
L7908CV
L7908ACD2T
L7908CP
L7908CT
-8 V
L7912C
L7912CV
L7912ACD2T
L7912CP
L7912CT
-12 V
L7915C
L7915CV
L7915ACD2T
L7915CP
L7915CT
-15 V
L7918C
L7918CV
L7918ACD2T
L7918CP
L7918CT
-18 V
L7920C
L7920CV
L7920ACD2T
L7920CP
L7920CT
-20 V
L7922C
L7922CV
L7922ACD2T
L7922CT
-22 V
L7924C
L7924CV
L7924ACD2T
L7924CP
L7924CT
-24 V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-4.8
-5
-5.2
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = 8 to 20 V
-4.75
-5
-5.25
V
∆V
O(*)
Line Regulation
VI =-7 to-25 V
TJ = 25°C
100
mV
VI =-8 to-12 V
TJ = 25°C
50
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
100
mV
IO = 250 to 750 mA
TJ = 25°C
50
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -8 to -25 V
1.3
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.4
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
100
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.4
V
Isc
Short Circuit Current
2.1
A


Número de pieza similar - L7924CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L7924CT STMICROELECTRONICS-L7924CT Datasheet
445Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L7924CT STMICROELECTRONICS-L7924CT Datasheet
379Kb / 24P
   Negative voltage regulators
L7924CT STMICROELECTRONICS-L7924CT Datasheet
824Kb / 24P
   Negative voltage regulators
More results

Descripción similar - L7924CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com