Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CBTLV16245PAG Datasheet(PDF) 2 Page - Integrated Device Technology

No. de pieza 74CBTLV16245PAG
Descripción Electrónicos  LOW-VOLTAGE 16-BIT BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

74CBTLV16245PAG Datasheet(HTML) 2 Page - Integrated Device Technology

  74CBTLV16245PAG Datasheet HTML 1Page - Integrated Device Technology 74CBTLV16245PAG Datasheet HTML 2Page - Integrated Device Technology 74CBTLV16245PAG Datasheet HTML 3Page - Integrated Device Technology 74CBTLV16245PAG Datasheet HTML 4Page - Integrated Device Technology 74CBTLV16245PAG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV16245
LOW-VOLTAGE 16-BIT BUS SWITCH
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max.
Unit
VCC
SupplyVoltageRange
–0.5 to 4.6
V
VI
InputVoltageRange
–0.5 to 4.6
V
ContinuousChannelCurrent
128
mA
IIK
Input Clamp Current, VI/O < 0
–50
mA
TSTG
StorageTemperatureRange
–65to+150
°C
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
PIN CONFIGURATION
OPERATING CHARACTERISTICS(1)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VCC
SupplyVoltage
2.3
3.6
V
VIH
High-LevelControlInputVoltage
VCC = 2.3V to 2.7V
1.7
V
VCC = 2.7V to 3.6V
2
VIL
Low-LevelControlInputVoltage
VCC = 2.3V to 2.7V
0.7
V
VCC = 2.7V to 3.6V
0.8
TA
OperatingFree-AirTemperature
–40
+85
°C
NOTE:
1. All unused control inputs of the device must be held at VCC or GND to ensure proper device operation.
TSSOP
TOP VIEW
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
2OE
1
A1
GND
1
A2
1
A3
1
A4
NC
NC
1
A5
1
A6
1
A7
1
A8
2
A1
GND
2
A2
2
A3
2
A4
GND
VCC
2
A5
2
A6
2
A7
2
A8
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
NC
1
B1
GND
1
B2
1
B3
1
B4
NC
NC
1
B5
1
B6
1
B7
1
B8
2
B1
GND
2
B2
2
B3
2
B4
GND
VCC
2
B5
2
B6
2
B7
2
B8
NC
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
Input
OE
Operation
L
A-Port = B-Port
H
Disconnect
FUNCTION TABLE (EACH8-BITBUSSWITCH)(1)
Pin Names
Description
xOE
OutputEnable(ActiveLOW)
xAx
Port A Inputs or Outputs
xBx
Port B Inputs or Outputs
PIN DESCRIPTION


Número de pieza similar - 74CBTLV16245PAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
74CBTLV16245PAG RENESAS-74CBTLV16245PAG Datasheet
260Kb / 6P
   LOW-VOLTAGE 16-BIT BUS SWITCH
MAY 2019
74CBTLV16245PAG8 RENESAS-74CBTLV16245PAG8 Datasheet
260Kb / 6P
   LOW-VOLTAGE 16-BIT BUS SWITCH
MAY 2019
More results

Descripción similar - 74CBTLV16245PAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT74CBTLV16245 IDT-IDT74CBTLV16245 Datasheet
56Kb / 5P
   LOW-VOLTAGE 16-BIT BUS SWITCH
logo
Renesas Technology Corp
74CBTLV16245 RENESAS-74CBTLV16245 Datasheet
260Kb / 6P
   LOW-VOLTAGE 16-BIT BUS SWITCH
MAY 2019
logo
Pericom Semiconductor C...
PI3VT32X245 PERICOM-PI3VT32X245 Datasheet
327Kb / 4P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
PI3VT32X245-A PERICOM-PI3VT32X245-A Datasheet
708Kb / 5P
   16-Bit, 2-Port, Low Voltage Translator Bus Switch
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
FST32X245 FAIRCHILD-FST32X245 Datasheet
251Kb / 4P
   16-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245_05 Datasheet
158Kb / 4P
   16-Bit Bus Switch
logo
Integrated Device Techn...
IDT74CBTLV3384 IDT-IDT74CBTLV3384_14 Datasheet
97Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com