Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA5954FP Datasheet(PDF) 2 Page - Rohm

No. de pieza BA5954FP
Descripción Electrónicos  Current feedback actuator driver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA5954FP Datasheet(HTML) 2 Page - Rohm

  BA5954FP Datasheet HTML 1Page - Rohm BA5954FP Datasheet HTML 2Page - Rohm BA5954FP Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristics (Unless otherwise noted; Ta=25˚C, Vcc=12V, PVcc1=PVcc2=5V, BIAS=2.5V, RL=8Ω, Rd=0.5Ω, C=100pF)
Application Circuit
Quiescent current
Icc
-
-
-
-6
3.6
1.3
2.0
-0.3
-
-
1
0.3
18
-
-
-
-
-
4.0
1.5
1.7
-
-
30
0.1
0.5
27
0.5
0.5
6
-
11.0
300
0.3
-
-
mA
mA
mV
V
A/V
V
V
VIN=BIAS±0.2V
VIN=±0.2V
V
V
V
dB
nA
Ist
VSTON
VSTOFF
IOO
VOM
gm
VICM
IBOP
VOLOP
ISO
IST
Stand-by quiescent current
Voltage for stand-by ON
Voltage for stand-by OFF
Output offset voltage
Maximum output amplitude
Trans conductance
Common mode input range
Input bias current
Low level output voltage
Output source current
Output sink current
-100
7.5
18.0
0
9.0
20.0
22.0
100
-
mV
mA
mA
VOOFSL
VOMLD
GVSL
Output offset voltage
Maximum output voltage
Closed loop voltage gain
<Actuator driver>
<Sled motor driver/Pre OP-amp>
Symbol
Min.
Max.
Unit
Conditions
Typ.
Parameter
<Sled motor driver>
VIN=BIAS±0.2V
V
dB
-50
3.6
13.5
0
4.0
15.5
17.5
50
-
mV
VOOFLD
VOMLD
GVLD
Output offset voltage
Maximum output voltage
Closed loop voltage gain
<Loading motor driver>
VIN=BIAS±0.2V
dB
0
1
2
GVLD
Gain error by polarity
This product is not designed for protection against radioactive rays.
DSP
µ
- COM
M
28
27
26
24
23
22
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
7
8
10
11
12
13
14
7.5K
20K
10K
Loading
Driver
25
26
9
Stand
-by
x2
Actuator
Driver
10K
15K
Thermal
Shut down
Sled
Driver
Actuator
Driver
x2
10K
20K
7.5K
7.5K
10K
25K
Det. Amp.
Det. Amp.
Vcc PVcc1 PGND
PVcc2
PGND
PerGND
7.5K
PVcc1
Vcc
PVcc2
12V
5Vor12V
Sled
Motor
Focus
Coil
Rd
M
Loading
Motor
Tracking
Coil
Rd
5Vor12V


Número de pieza similar - BA5954FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA5954FP ROHM-BA5954FP Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
BA5954FP ROHM-BA5954FP_1 Datasheet
307Kb / 7P
   BLT Driver For CD-ROM
More results

Descripción similar - BA5954FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silan Microelectronics ...
SA5624 SILAN-SA5624 Datasheet
211Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
logo
Vishay Siliconix
IHPT-1411AF-ABA VISHAY-IHPT-1411AF-ABA Datasheet
404Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
IHPT-1411AF-AB0 VISHAY-IHPT-1411AF-AB0 Datasheet
108Kb / 3P
   Haptic Feedback Actuator
01-Jan-2022
logo
Analog Devices
ADA4927-1 AD-ADA4927-1 Datasheet
834Kb / 24P
   Ultralow Distortion Current Feedback Differential ADC Driver
REV. 0
ADA4927-1 AD-ADA4927-1_16 Datasheet
736Kb / 25P
   Ultralow Distortion Current Feedback Differential ADC Driver
logo
Linear Technology
LT1795 LINER-LT1795 Datasheet
187Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1795 LINER-LT1795_15 Datasheet
160Kb / 12P
   Dual 500mA/50MHz Current Feedback Line Driver Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com