Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1121 Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza TC1121
Descripción Electrónicos  100mA Charge Pump Voltage Converter with Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1121 Datasheet(HTML) 1 Page - Microchip Technology

  TC1121_14 Datasheet HTML 1Page - Microchip Technology TC1121_14 Datasheet HTML 2Page - Microchip Technology TC1121_14 Datasheet HTML 3Page - Microchip Technology TC1121_14 Datasheet HTML 4Page - Microchip Technology TC1121_14 Datasheet HTML 5Page - Microchip Technology TC1121_14 Datasheet HTML 6Page - Microchip Technology TC1121_14 Datasheet HTML 7Page - Microchip Technology TC1121_14 Datasheet HTML 8Page - Microchip Technology TC1121_14 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2006-2014 Microchip Technology Inc.
DS20001358D-page 1
TC1121
Features:
• Optional High-Frequency Operation Allows Use of
Small Capacitors
• Low Operating Current (FC = Open):
-50
A
• High Output Current (100 mA)
• Converts a 2.4V to 5.5V Input Voltage to a
Corresponding Negative Output Voltage
(Inverter mode)
• Uses Only 2 Capacitors; No Inductors Required
• Selectable Oscillator Frequency:
- 10 kHz to 200 kHz
• Power-Saving Shutdown Input
• Available in 8-Pin MSOP, 8-Pin PDIP and 8-Pin
Small Outline (SOIC) Packages
Applications:
• Laptop Computers
• Medical Instruments
•Disk Drives
P-Based Controllers
• Process Instrumentation
Device Selection Table
Package Type
General Description:
The TC1121 is a charge pump converter with 100 mA
output current capability. It converts a 2.4V to 5.5V
input to a corresponding negative output voltage. As
with all charge pump converters, the TC1121 uses no
inductors saving cost, size and EMI.
An on-board oscillator operates at a typical frequency
of 10 kHz (at V+ = 5V) when the frequency control input
(FC) is left open. The oscillator frequency increases to
200 kHz when FC is connected to V+, allowing the use
of smaller capacitors. Operation at sub-10 kHz
frequencies results in lower quiescent current and is
accomplished with the addition of an external capacitor
from OSC (pin 7) to ground. The TC1121 also can be
driven from an external clock connected OSC. Typical
supply current at 10 kHz is 50
A, and falls to less than
1
A when the shutdown input is brought low, whether
the internal or an external clock is used. The TC1121 is
available in 8-pin SOIC, MSOP and PDIP packages.
Part
Number
Package
Operating
Temp.
Range
TC1121COA
8-Pin SOIC
0°C to +70°C
TC1121CPA
8-Pin PDIP
0°C to +70°C
TC1121CUA
8-Pin MSOP
0°C to +70°C
TC1121EOA
8-Pin SOIC
-40°C to +85°C
TC1121EPA
8-Pin PDIP
-40°C to +85°C
TC1121EUA
8-Pin MSOP
-40°C to +85°C
TC1121COA
TC1121EOA
TC1121CUA
TC1121EUA
SHDN
FC
CAP+
CAP
1
2
3
4
8
7
6
5
GND
OSC
V+
8-Pin SOIC
8-Pin MSOP
VOUT
TC1121CPA
TC1121EPA
SHDN
FC
CAP+
CAP
1
2
3
4
8
7
6
5
GND
OSC
V+
8-Pin PDIP
VOUT
100mA Charge Pump Voltage Converter with Shutdown
Obsolete Device


Número de pieza similar - TC1121_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1121COA MICROCHIP-TC1121COA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121COA MICROCHIP-TC1121COA Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
TC1121COA MICROCHIP-TC1121COA Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121CPA MICROCHIP-TC1121CPA Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121CPA MICROCHIP-TC1121CPA Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
More results

Descripción similar - TC1121_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC1121 ONSEMI-MC1121 Datasheet
102Kb / 8P
   100mA Charge Pump Voltage Converter with Shutdown
February, 2000 ??Rev. 0
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com