Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6420C Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FDC6420C
Descripción Electrónicos  20V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6420C Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDC6420C Datasheet HTML 1Page - Fairchild Semiconductor FDC6420C Datasheet HTML 2Page - Fairchild Semiconductor FDC6420C Datasheet HTML 3Page - Fairchild Semiconductor FDC6420C Datasheet HTML 4Page - Fairchild Semiconductor FDC6420C Datasheet HTML 5Page - Fairchild Semiconductor FDC6420C Datasheet HTML 6Page - Fairchild Semiconductor FDC6420C Datasheet HTML 7Page - Fairchild Semiconductor FDC6420C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDC6420C Rev C(W)
Typical Characteristics: N-Channel
0
2
4
6
8
10
12
0
1
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 4.5V
2.0V
3.0V
3.5V
2.5V
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
ID, DRAIN CURRENT (A)
V
GS = 2.0V
4.5V
3.0V
2.5V
3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = 3.0A
VGS = 4.5V
0.02
0.06
0.1
0.14
0.18
0.22
1
2
3
4
5
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 1.5A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
0.5
1
1.5
2
2.5
3
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
V
DS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDC6420C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Descripción similar - FDC6420C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
   20V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com