Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

78L05U Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza 78L05U
Descripción Electrónicos  3-Terminal Positive Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

78L05U Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  78L05U Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 78L05U Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated: 05/03/2016
Rev: 02
®
SEMTECH ELECTRONICS LTD.
78L05U
3-Terminal Positive Voltage Regulator
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Rating
Unit
Input Voltage
VI
30
V
Power Dissipation
Ptot
800
1)
mW
Operating Temperature
Topr
- 20 to + 120
Storage Temperature Range
Tstg
- 55 to +150
1) 15 mm x 25 mm x 0.7 mm alumina ceramic board, Ta ≤ 25℃
Electrical Characteristics (Ta = 25℃)
(Unless otherwise specified, 0
℃ ≤ TJ ≤ 125℃, VI = 10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output Voltage
VO
Tj = 25℃
4.8
5
5.2
V
7 V ≤ VI ≤ 20 V, 1 mA ≤ IO ≤ 40 mA
4.75
-
5.25
V
VI = 10 V, 1 mA ≤ IO ≤ 70 mA
4.75
-
5.25
V
Line Regulation
Regline
7 V
 VI  20 V, Tj = 25℃
-
-
150
mV
8 V
 VI  20 V, Tj = 25℃
-
-
100
Load Regulation
Regload
1 mA ≤ IO ≤ 100 mA, Tj = 25℃
-
-
60
mV
1 mA ≤ IO ≤ 40 mA, Tj = 25℃
-
-
30
Quiescent Current
IQ
Tj = 25℃
-
-
5.5
mA
Quiescent Current Change
IQ
8 V
 VI  20 V
-
-
1.5
mA
1 mA
 IO  40 mA
-
-
0.1
Output Noise Voltage
VN
10 Hz
 f  100 KHz, Tj = 25℃
-
40
-
µV
Ripple Rejection
RR
f = 120 Hz, 8 V
 VI  18 V, Tj = 25℃
41
-
-
dB
Dropout Voltage
VDrop
Tj = 25℃
-
1.7
-
V
78L05U
1Vo
C2
0.1 µF
2
3
Vi
C1
0.33 µF


Número de pieza similar - 78L05U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bytesonic Electronics C...
78L05U BYTESONIC-78L05U Datasheet
710Kb / 2P
   3-Terminal Positive Voltage Regulator
More results

Descripción similar - 78L05U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com