Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7812R Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No. de pieza 7812R
Descripción Electrónicos  3-terminal 1 A positive voltage regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Página de inicio  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

7812R Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  7812R Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 7812R Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 7812R Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 14/09/2016 Rev: 01
®
SEMTECH ELECTRONICS LTD.
7812R
3-terminal 1 A positive voltage regulator
Features
 Output Current up to 1 A
 Thermal Overload Protection
 Short Circuit Protection
 Output Transistor Safe Operating Area Protection
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Units
Input Voltage
VI
35
V
Thermal Resistance Junction-Cases
RθJC
5
O
C/W
Thermal Resistance Junction-Air
RθJA
65
O
C/W
Operating Temperature Range
TOPR
0 to + 125
O
C
Storage Temperature Range
Tstg
- 65 to + 150
O
C
Electrical Characteristics
(0 OC < TJ < 125 OC, IO = 500 mA, VI = 19 V, CI = 0.33 µF, CO = 0.1 µF, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ = + 25 OC
11.5
12
12.5
V
5 mA  IO  1 A, PO  15 W
VI = 14.5 V to 27 V
11.4
12
12.6
Line Regulation
1)
Regline
TJ = + 25 OC
VI = 14.5 V to 30 V
-
-
240
mV
VI = 16 V to 22 V
-
-
120
Load Regulation
1)
Regload
TJ = + 25 OC
IO = 5 mA to 1.5 A
-
-
240
mV
IO = 250 mA to 750 mA
-
-
120
Quiescent Current
IQ
TJ = + 25 OC
-
-
8
mA
Quiescent Current Change
IQ
IO = 5 mA to 1 A
-
-
0.5
mA
VI = 14.5 V to 30 V
-
-
1
Output Voltage Drift
VO/T
IO = 5 mA
-
-1
-
mV/OC
Output Noise Voltage
VN
f = 10 Hz to 100 KHz, TA = + 25 OC
-
76
-
µV
Ripple Rejection
RR
f = 120 Hz, VI = 15 V to 25 V
55
-
-
dB
Dropout Voltage
VDrop
IO = 1 A, TJ = + 25 OC
-
2
-
V
Output Resistance
RO
f = 1 KHz
-
18
-
mΩ
Short Circuit Current
ISC
VI = 35 V, TA = + 25 OC
-
230
-
mA
Peak Current
IPK
TJ = + 25 OC
-
2.2
-
A
1) Load and line regulation are specified at constant junction temperature, Changes in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.


Número de pieza similar - 7812R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
7812 MOTOROLA-7812 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
7812 NSC-7812 Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
Analog Devices
7812 AD-7812 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
logo
KEC(Korea Electronics)
7812 KEC-7812 Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7812 ETC1-7812 Datasheet
253Kb / 2P
   LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
More results

Descripción similar - 7812R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com