Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APDS-9500 Datasheet(PDF) 31 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza APDS-9500
Descripción Electrónicos  Imaging-Based Proximity and Gesture Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9500 Datasheet(HTML) 31 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9500 Datasheet HTML 27Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 28Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 29Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 30Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 31Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 32Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 33Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 34Page - AVAGO TECHNOLOGIES LIMITED APDS-9500 Datasheet HTML 35Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
31
Note that the built-in IR LED cathode is internally connected to the LED-K pin.
The APDS-9500 provides for an additional LED drive with the LDR_2 pin. If an external IR LED is to be used, connect it
to the LDR_2 pin as shown below.
It is possible to combine the drive current of the two LED drive pins together. In this case, the connection is shown
below.
GND
NC
LED-A
LDR_2
LED-K_1
SPI_CLK
SPI_CSn
VDDAY_I/O
VDDA_I/O
VDD18_I/O
VDD
SPI_DATA
SPI_MCLK
VIO
APDS-9500
10 μF
1 μF
VLED
External LED
GND
NC
LED-A
LDR_2
LED-K_1
SPI_CLK
SPI_CSn
VDDAY_I/O
VDDA_I/O
VDD18_I/O
VDD
SPI_DATA
SPI_MCLK
VIO
APDS-9500
10 μF
1 μF
VLED


Número de pieza similar - APDS-9500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
APDS-9002-021 HP-APDS-9002-021 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002-021 AVAGO-APDS-9002-021 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Descripción similar - APDS-9500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUX1020 AD-ADUX1020 Datasheet
727Kb / 32P
   Photometric Sensor for Gesture and Proximity
logo
STMicroelectronics
VL6180X-SATEL STMICROELECTRONICS-VL6180X-SATEL Datasheet
168Kb / 5P
   Satellite boards based on VL6180X proximity, gesture and ambient light sensor
June 2015 Rev 2
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9960 AVAGO-APDS-9960 Datasheet
1Mb / 38P
   Digital Proximity, Ambient Light, RGB and Gesture Sensor
logo
Sharp Corporation
GP2AP054A00F SHARP-GP2AP054A00F Datasheet
820Kb / 25P
   GP2AP054A00F is ambient light sensor and gesture sens or/proximity sensor with function ambient light sensing and gesture sensing proximity sensing by setting register.
logo
ams AG
TMG3993 AMSCO-TMG3993 Datasheet
2Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
TMG3992 AMSCO-TMG3992 Datasheet
3Mb / 95P
   Gesture, Color, ALS, and Proximity Sensor Module with mobeam Barcode Emulation
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
logo
ams AG
TMG4903 AMSCO-TMG4903 Datasheet
1Mb / 104P
   Gesture, Color and Proximity Sensor Module with mobeam Barcode Emulation and IR Remote Control
logo
Melexis Microelectronic...
MLX75031 MELEXIS-MLX75031 Datasheet
1Mb / 67P
   Optical Gesture & Proximity Sensing IC
logo
STMicroelectronics
X-NUCLEO-53L0A1 STMICROELECTRONICS-X-NUCLEO-53L0A1 Datasheet
227Kb / 5P
   Ranging and gesture detection sensor expansion board based on VL53L0X for STM32 Nucleo
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com