Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ASMT-YTB8-0BA02 Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza ASMT-YTB8-0BA02
Descripción Electrónicos  Tricolor PLCC6 Black Surface LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-YTB8-0BA02 Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ASMT-YTB8-0BA02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ASMT-YTB8-0BA02 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Avago Technologies
- 13 -
ASMT-YTB8-0BA02
Data Sheet
Precautionary Notes
Precautionary Notes
1.
Handling precautions
The encapsulation material of the LED is made of silicone
for better product reliability. Compared to epoxy
encapsulant that is hard and brittle, silicone is softer and
flexible. Observe pecial handling precautions during
assembly of silicone encapsulated LED products. Failure to
comply might lead to damage and premature failure of the
LED. Refer to Application Note AN5288, Silicone
Encapsulation for LED: Advantages and Handling
Precautions for more information.
a.
Do not poke sharp objects into the silicone
encapsulant. Sharp objects, such as tweezers or
syringes, might apply excessive force or even pierce
through the silicone and cause failures to the LED die
or wire bond.
b.
Do not touch the silicone encapsulant. Uncontrolled
forces acting on the silicone encapsulant might result
in excessive stress on the wire bond. Hold the LED only
by the body.
c.
Do not stack assembled PCBs together. Use an
appropriate rack to hold the PCBs.
d.
The surface of the silicone material attracts dust and
dirt easier than epoxy due to its surface tackiness. To
remove foreign particles on the surface of silicone, use
a cotton bud with isopropyl alcohol (IPA). During
cleaning, rub the surface gently without putting
pressure on the silicone. Ultrasonic cleaning is not
recommended.
e.
For automated pick and place, Avago has tested the
following nozzle size to work with this LED. However,
due to the possibility of variations in other
parameters, such as pick and place machine
maker/model and other settings of the machine,
customers should verify that the selected nozzle will
not cause damage to the LED.
2.
Handling of moisture sensitive device
This product has a Moisture Sensitive Level 3 rating per
JEDEC J-STD-020. Refer to Avago Application Note
AN5305, Handling of Moisture Sensitive Surface Mount
Devices, for additional details and a review of proper
handling procedures.
a.
Before use:
An unopened moisture barrier bag (MBB) can be
stored at < 40 °C / 90% RH for 12 months. If the
actual shelf life has exceeded 12 months and the
humidity indicator card (HIC) indicates that
baking is not required, then it is safe to reflow the
LEDs per the original MSL rating.
Do not open the MBB prior to assembly (e.g.,
for IQC).
b.
Control after opening the MBB:
Read the humidity indicator card (HIC)
immediately upon opening of the MBB.
Keep the LEDs at < 30 °C / 60% RH at all times, and
all high temperature-related processes, including
soldering, curing or rework, must be completed
within 168 hours.
c.
Control for unfinished reel:
Store unused LEDs in a sealed MBB with desiccant
or desiccator at < 5% RH.
d.
Control of assembled boards:
If the PCB soldered with the LEDs is to be
subjected to other high-temperature processes,
store the PCB in a sealed MBB with desiccant or
desiccator at < 5% RH to ensure that all LEDs have
not exceeded their floor life of 168 hours.
e.
Baking is required if:
The HIC indicator is not BROWN at 10% and is
AZURE at 5%.
The LEDs are exposed to condition of > 30 °C /
60% RH at any time.
The LED floor life exceeded 168 hrs.
The recommended baking condition is: 60 °C ±5 °C for
20 hrs.
Baking should only be done once.
f.
Storage
The soldering terminals of these Avago LEDs are
silver plated. If the LEDs are exposed too long in
the ambient environment, the silver plating might
become oxidized and, thus, affect its solderability
performance. As such, keep unused LEDs in a
sealed MBB with desiccant or in desiccator at
<5 % RH.
ID
OD
ID = 1.7mm
OD = 3.5mm


Número de pieza similar - ASMT-YTB8-0BA02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB0-0AA02 AVAGO-ASMT-YTB0-0AA02 Datasheet
296Kb / 11P
   PLCC-6 Surface Mount Tricolor LED
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB7-0AA02 AVAGO-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
More results

Descripción similar - ASMT-YTB8-0BA02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTB7-0AA02 AVAGO-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
Broadcom Corporation.
ASMT-YTB7-0AA02 BOARDCOM-ASMT-YTB7-0AA02 Datasheet
203Kb / 10P
   Tricolor PLCC6 Black Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMB-TTB2-0C3A2 AVAGO-ASMB-TTB2-0C3A2 Datasheet
1Mb / 14P
   Tall Black Surface PLCC6 Tricolor LED
ASMT-YTB2-0BB02 AVAGO-ASMT-YTB2-0BB02 Datasheet
970Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
Broadcom Corporation.
ASMT-YTB2-0BB02 BOARDCOM-ASMT-YTB2-0BB02 Datasheet
868Kb / 15P
   High Brightness Tricolor PLCC6 Black Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD7-0AA02 AVAGO-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
Broadcom Corporation.
ASMT-YTD7-0AA02 BOARDCOM-ASMT-YTD7-0AA02 Datasheet
1Mb / 15P
   Tricolor PLCC6 White Surface LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTD2 AVAGO-ASMT-YTD2 Datasheet
170Kb / 11P
   High Brightness Tricolor PLCC6 White Surface Mount LED
ASMB-MTB0-0A3A2 AVAGO-ASMB-MTB0-0A3A2 Datasheet
425Kb / 13P
   PLCC-4 Tricolor Black Surface LED
ASMB-MTB1-0A3A2 AVAGO-ASMB-MTB1-0A3A2 Datasheet
470Kb / 13P
   PLCC-4 Tricolor Black Surface LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com