Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-HM71-23BDD Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-HM71-23BDD
Descripción Electrónicos  Green and Blue 5mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM71-23BDD Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM71-23BDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM71-23BDD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago Technologies and the A logo are trademarks of Avago Technologies in the United
States and other countries. All other brand and product names may be trademarks of their
respective companies.
Data subject to change. Copyright © 2005-2016 Avago Technologies. All Rights Reserved.
AV02-3730EN – July 13, 2016
Lead (Pb) Free
RoHS 6 fully
compliant
Acronyms and Definitions
BIN:
(i) Color bin only or VF bin only
Applicable for part number with color bins but
without VF bin OR part number with VF bins and no
color bin
OR
(ii) Color bin incorporated with VF Bin
Applicable for part number that have both color bin
and VF bin
Example:
(i) Color bin only or VF bin only
BIN: 2 (represent color bin 2 only)
BIN: VB (represent VF bin “VB” only)
(ii) Color bin incorporate with VF Bin
BIN: 2VB, where:
2 is color bin 2 only
VB is VF bin "VB"
DISCLAIMER: AVAGO’S PRODUCTS AND SOFTWARE ARE NOT SPECIFICALLY DESIGNED, MANUFACTURED OR AUTHORIZED FOR SALE AS
PARTS, COMPONENTS OR ASSEMBLIES FOR THE PLANNING, CONSTRUCTION, MAINTENANCE OR DIRECT OPERATION OF A NUCLEAR
FACILITY OR FOR USE IN MEDICAL DEVICES OR APPLICATIONS. CUSTOMER IS SOLELY RESPONSIBLE, AND WAIVES ALL RIGHTS TO MAKE
CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.


Número de pieza similar - HLMP-HM71-23BDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM74 AVAGO-HLMP-HM74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HM75 AVAGO-HLMP-HM75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

Descripción similar - HLMP-HM71-23BDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com