Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7-1440001-9 Datasheet(PDF) 1 Page - TE Connectivity Ltd

No. de pieza 7-1440001-9
Descripción Electrónicos  THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1440001-9 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  7-1440001-9 Datasheet HTML 1Page - TE Connectivity Ltd 7-1440001-9 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
A
C
THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
SHOULD BE CONTACTED FOR THE LATEST REVISION.
DIMENSIONS:
単位:
mm
MATERIAL
材料
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
ANGLES
4 PLC
3 PLC
2 PLC
1 PLC
0 PLC
±
±
±
±
±
FINISH
仕上
±
DWN
CHK
APVD
PRODUCT SPEC
APPLICATION SPEC
WEIGHT
製品規格
CUSTOMER DRAWING
NAME
SIZE
DRAWING NO
番号
A3 00779
CAGE CODE
RESTRICTED TO
SCALE
SHEET
OF
REV
尺度
名称
取付適用規格
±
A
B
C
32
1
LOC
DIST
REVISIONS
変更
APVD
DWN
DATE
ECN
LTR
P
4
C COPYRIGHT
BY TYCO ELECTRONICS CORPORATION.
RELEASED FOR PUBLICATION
THIS DRAWING IS UNPUBLISHED.
ALL RIGHTS RESERVED.
D
D
Tyco Electronics EC K.K.
Tochigi, Japan
DESCRIPTION
H.SASAKI
A.NAGAI
HH
Diagram dimension
Tolerance
max. 1mm
±0.1mm
1 - 3mm
±0.2mm
min. 3mm
±0.3mm
TOLERANCE
Y.OIKAWA
-
-
-
-
-
-
4:1
1
2
7-1440004-7
OSA-SH-DM5,600 ,600M
D
INTEGRATION
31-JUL-06
G.L
N.F
D
ECO-06-017047
5
±0.1
15
±0.1
0.90
0.90
DRILLING DIAGRAM(BOTTM VIEW)
プリント基板加工図:底面図(2/1)
接続図
CONNECTION DIAGRAM(BOTTM VIEW)
2- φ1.0穴
4- φ1.2穴
0.50
0.30
0.45
2.45
5
±0.2
15
±0.2
1.95
24.40
±0.5
C
SEE DRAWING 3-1419124-9
D


Número de pieza similar - 7-1440001-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
7-1440001-9 MACOM-7-1440001-9 Datasheet
207Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Descripción similar - 7-1440001-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
C-2266100 TEC-C-2266100 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150281 TEC-C-2150281 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150291 TEC-C-2150291 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150300 TEC-C-2150300 Datasheet
3Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2266189 TEC-C-2266189 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150387 TEC-C-2150387 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150408 TEC-C-2150408 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150425 TEC-C-2150425 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150438 TEC-C-2150438 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2150451 TEC-C-2150451 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-2151121 TEC-C-2151121 Datasheet
5Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com