Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1393100-4 Datasheet(PDF) 1 Page - TE Connectivity Ltd

No. de pieza 3-1393100-4
Descripción Electrónicos  General Purpose Relays Industrial Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393100-4 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  3-1393100-4 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393100-4 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Relays
Industrial Relays
KBP Series Panel Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil Data (continued)
Coil versions, AC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VAC
VAC
Ω±15%
VA
2 and 4 pole models
24
24
20.004
42
5.05
120
120
102
1030
5.3
240
240
204
4100
5.3
5 pole models
24
24
20.4
27
7.8
120
120
102
700
8.2
All figures are given for coil without preenergization, at ambient temperature +23°C
Insulation Data
Initial dielectric strength
between open contacts
500Vrms
between contact and coil
1000Vrms
between adjacent contacts
1000Vrms
Initial insulation resistance
between insulated elements
100MΩ
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature
-45ºC to 85ºC
Category of environmental protection
IEC 61810
RTI - dust protected and
RT0 - open style
Terminal type
11- or 20-pin octal-style plug
Weight
306g
Packaging/unit
tray/25 pcs., box/60pcs.
Accessories
For details see datasheet
Sockets and Accessories, KBP Relays
Product Code
Description
27E892
DIN 11 pin octal socket
27E123
Track mount 11 pin octal socket
27E928
17 and 20 pin octal socket
n
Dual coil latching relay accepts a momentary impulse to one coil to
latch and a second impulse to the other coil to release
n
Clear polycarbonate dust cover with 11- or 20-pin plug
n
11- or 20-pin octal-style plug connector
n
AC and DC coils
n
Two, four, and five pole Form C (CO) contact arrangements
Typical applications
Elevator controls
Approvals
UL E29244
Technical data of approved types on request
Contact Data
2 pole
4 pole
5 pole
Contact arrangement
2 form C (CO) 4 form C (CO) 5 form C (CO)
Rated voltage
120VAC
Rated current
10A
Contact material
Ag, AgCdO
Min. recommended contact load
Ag contacts
100mA, 12VDC
AgCdO contacts
300mA, 12VDC
Initial contact resistance
Ag contacts
100mΩ
AgCdO contacts
200mΩ
Frequency of operation
360 ops./hour
Contact ratings
Type
Load
Cycles
UL 508
Ag
5A, 120VAC
50x103
AgCdO
10A, 120VAC
50x103
Mechanical endurance
500x103 ops.
Coil Data
Coil voltage range
12 to 220VDC
6 to 240VAC
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
W
12
12
9
52
2.8
24
24
18
230
2.5
48
48
36
850
2.71
110
110
82.5
4560
2.65
220
165
Use 110VDC relay
2.42
with 5KΩ, 5W
resistor in series
All figures are given for coil without preenergization, at ambient temperature +23°C.
U


Número de pieza similar - 3-1393100-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
3-1393100-8 TEC-3-1393100-8 Datasheet
326Kb / 2P
   DC current sensitive relay
More results

Descripción similar - 3-1393100-4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
logo
TE Connectivity Ltd
KUEP-11D15-125 TEC-KUEP-11D15-125 Datasheet
570Kb / 3P
   General Purpose Relays Industrial Relays
Rev. 0522
RMC TEC-RMC Datasheet
274Kb / 3P
   General Purpose Relays Industrial Relays
logo
Tyco Electronics
2-1393114-4 MACOM-2-1393114-4 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-0 MACOM-2-1393117-0 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-2 MACOM-2-1393117-2 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com