Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1393147-9 Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza 3-1393147-9
Descripción Electrónicos  Mechanical indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393147-9 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  3-1393147-9 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393147-9 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393147-9 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Panel/Plug-in Relays
Power Relay RM 8 (Continued)
Product code
Contacts
Version
Enclosure
Coil
Coil
Part number
RM805024
2 form C,
Without
Mounting brackets
DC-coil
24VDC
2-1393844-7
RM805524
2 CO contacts
test button
quick c. 6.3 mm
AC-coil
24VAC
2-1393147-9
RM805615
25 A
115VAC
3-1393147-1
RM805730
230VAC
3-1393147-3
RM808024
DIN-snap-on
DC-coil
24VDC
2-1393844-9
RM808524
horizontal
AC-coil
24VAC
3-1393147-7
RM808730
230VAC
5-1393149-7
RM809024
DIN-snap-on
DC-coil
24VDC
5-1393149-8
RM809615
vertical
AC-coil
115VAC
3-1393147-8
RM809730
230VAC
3-1393147-9
RM835024
With
mounting brackets
DC-coil
24VDC
4-1393147-1
RM835524
test button
quick c. 6.3 mm
AC-coil
24VAC
4-1393147-3
RM835615
115VAC
4-1393147-4
RM835730
230VAC
4-1393147-6
RM838024
DIN-snap-on
DC-coil
24VDC
4-1393147-8
RM838524
horizontal
AC-coil
24VAC
5-1393147-0
RM838730
230VAC
5-1393147-1
RM839024
DIN-snap-on
DC-coil
24VDC
5-1393147-4
RM839524
vertical
AC-coil
24VAC
5-1393147-5
RM839730
230VAC
5-1393147-6
Product code structure
Typical product code
RM
8
0
9
024
Type
RM Power relay RM8
Contact configuration
8
2 form C contacts (2 CO), 25A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi90/10, without test button
7
AgNi90/10, with test button
Enclosure
5
cover with mounting brackets, 6.3mm quick connect terminals
8
cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table


Número de pieza similar - 3-1393147-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
3-1393147-9 TEC-3-1393147-9 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
More results

Descripción similar - 3-1393147-9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
RM-2 TEC-RM-2 Datasheet
333Kb / 4P
   Mechanical indicator
MT221012 TEC-MT221012 Datasheet
366Kb / 3P
   Mechanical indicator as standard
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
   Mechanical and electrical indicator
PT270024 TEC-PT270024 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
   MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
   MECHANICAL DATA
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
   MECHANICAL DATA
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
   MECHANICAL DATA
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com