Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5-1393146-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza 5-1393146-3
Descripción Electrónicos  Plug-in version, PCB terminals, chassis- or DIN-rail mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393146-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  5-1393146-3 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393146-3 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393146-3 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393146-3 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Industrial Relays
Power Relay RM 2/3/7 (Continued)
Dimensions
Plain cover, plug-in version
PCB version
Cover with mounting brackets, 6.3mm quick connect (4.8mm available)
Cover with DIN-snap-on attachement (6.3mm quick connect only)
horizontal
vertical
S0298-BC
S0298-BE
S0298-BB
S0298-BA
S0298-BD
Product code structure
Typical product code
RM
7
0
2
730
Type
RM Power Relay RM 2/3/7
Contact arrangement
2
2 form C contacts (2 CO contacts), 16A
7
3 form C contacts (3 CO contacts), 16A
3
3 form C contacts (3 CO contacts), 10A
Version
0
AgCdO, without test button
3
AgCdO, with test button
2
AgNi 90/10, without test button
7
AgNi 90/10, with test button
Enclosure
2
Plain cover, 4.8mm quick connect terminals
3
Cover with mounting brackets, 4.8mm quick connect terminals
5
Cover with mounting brackets, 6.3mm quick connect terminals
7
PCB version
8
Cover with DIN-snap-on attachment, horizontal, 6.3mm quick connect terminals
9
Cover with DIN-snap-on attachment, vertical, 6.3mm quick connect terminals
Coil
Coil code: please refer to coil versions table


Número de pieza similar - 5-1393146-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
5-1393146-3 TEC-5-1393146-3 Datasheet
333Kb / 4P
   Mechanical indicator
More results

Descripción similar - 5-1393146-3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Ningbo Tianbo Ganglian ...
TRV6 TIANBO-TRV6 Datasheet
976Kb / 3P
   plug-in or pc board terminals
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
   Sockets available for panel, DIN rail or PCB mounting
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
   , 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com