Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5-1393158-2 Datasheet(PDF) 4 Page - TE Connectivity Ltd

No. de pieza 5-1393158-2
Descripción Electrónicos  Magnetic blowouts available for switching DC loads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

5-1393158-2 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  5-1393158-2 Datasheet HTML 1Page - TE Connectivity Ltd 5-1393158-2 Datasheet HTML 2Page - TE Connectivity Ltd 5-1393158-2 Datasheet HTML 3Page - TE Connectivity Ltd 5-1393158-2 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
06-2016, Rev. 0616
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
General Purpose
Panel/Plug-in Relays
PRD Series Power Relay (Continued)
Product Code
Arrangement
Material
Coil
Terminals
Part Number
PRD-3AY0-120
1 form X, 1 NO-DM
Ag
120VAC
Screw
7-1393127-9
PRD-3AG0-120
AgCdO, 30A
6-1393127-9
PRD-3AJ0-120
AgCdO, mag blowout
7-1393127-4
PRD-3AJ3-24
24VAC
Screw / QC
7-1393127-5
PRD-3DH0-24
Ag, mag blowout
24VDC
Screw
8-1393127-6
PRD-3DY0-12
Ag
12VDC
9-1393127-5
PRD-3DY0-24
24VDC
9-1393127-6
PRD-3DY0-110
110VDC
9-1393127-4
PRD-5AY0-24
1 form C, 1 CO
24VAC
1393128-6
PRD-5AY0-120
120VAC
1393128-5
PRD-5AY1-120
QC
1-1393128-1
PRD-5AY0-240
240VAC
Screw
1393128-7
PRD-5DF0-12
AgCdO, 50A
12VDC
2-1423100-4
PRD-5DY0-12
Ag
1-1393128-6
PRD-5DY0-24
24VDC
1-1393128-7
PRD-7AG0-120
2 form A, 2 NO
AgCdO, 30A
120VAC
9-1393129-5
PRD-7AY0-24
Ag
24VAC
1393130-9
PRD-7AY0-120
120VAC
1393130-7
PRD-7AY0-240
240VAC
1-1393130-0
PRD-7AY3-120
120VAC
Screw / QC
1-1393130-2
PRD-7DG0-24
AgCdO, 30A
24VDC
Screw
1-1393130-6
PRD-7DH0-48
Ag, mag blowout
48VAC
2-1393130-1
PRD-7DY0-12
Ag
12VDC
2-1393130-8
PRD-7DY0-24
24VDC
2-1393130-9
PRD-11AF0-240
2 form C, 2 CO
AgCdO, 50A
240VAC
3-1423100-0
PRD-11AG0-24
AgCdO, 30A
24VAC
1-1393127-1
PRD-11AG0-120
120VAC
1393127-9
PRD-11AG0-240
240VAC
1-1393127-2
PRD-11AH0-120
Ag, mag blowout
120VAC
1-1393127-6
PRD-11AY0-24
Ag
24VAC
2-1393127-9
PRD-11AY0-120
120VAC
2-1393127-6
PRD-11AY0-240
240VAC
3-1393127-0
PRD-11AY0-480
480VAC
3-1393127-1
PRD-11DF0-12
AgCdO, 50A
12VDC
2-1423100-2
PRD-11DF0-110
110VDC
2-1423100-9
PRD-11DG0-12
AgCdO, 30A
12VDC
3-1393127-5
PRD-11DG0-24
24VDC
3-1393127-8
PRD-11DH0-12
Ag, mag blowout
12VDC
4-1393127-7
PRD-11DH0-24
24VDC
4-1393127-9
PRD-11DH0-48
48VDC
5-1393127-0
PRD-11DH0-110
110 VDC
4-1393127-6
PRD-11DJ0-24
AgCdO, mag blowout
24 VDC
5-1393127-5
PRD-11DY0-12
Ag
12 VDC
6-1393127-1
PRD-11DY0-24
24 VDC
6-1393127-2
PRD-11DY0-48
48 VAC
6-1393127-3
PRD-11DY0-110
110 VDC
6-1393127-0
PRDA-11AGA-120
AgCdO, 30A
120 VAC
7-1393131-4
PRDA-11AYA-120
7-1393131-9
Product Code
Description
Part Number
35D013
Metal dust cover enclosure
5-1393158-2
PRD accessory
3.38 MAX.
(85.9)
3.13 MAX.
(79.5)
.97
(24.64)
.093
(2.36)
.75
(19.1)
1.50
(38.1)
4
KNOCKOUT HOLES
2 KNOCKOUT HOLES EACH END
.88 DIA.
(22.4)
2.56
(65.0)
.937
(23.86)
1.875
(47.63)
4.125
(104.77)
5.31 MAX.
(134.9)
.50
(12.7)
.218 DIA.
(5.54)
3 MTG. HOLES
5.125
(130.18)
2.06
(52.3)
.687
(17.45)
.812
(20.62)
1.625
(41.28)
4 HOLES TAPPED #8-32
35D013 Dust Cover
PRD dust cover has a steel base
with knockouts for 0.5” (12.7mm) dia.
conduit and a cover fitted with two
screws. Fits PRD relays, except with
auxiliary contacts. Finished in gray
baked enamel.
Mounting:
Three No. 10 holes on
1.875” (47.63mm) x
4.125” (104.77mm)
centers.
Note: Additional unused holes may be present in dust cover base.


Número de pieza similar - 5-1393158-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
5-1393104-0 MACOM-5-1393104-0 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
5-1393104-0 TEC-5-1393104-0 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
5-1393104-1 MACOM-5-1393104-1 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
5-1393104-1 TEC-5-1393104-1 Datasheet
250Kb / 3P
   Octal type termination for quick installation
logo
Tyco Electronics
5-1393104-6 MACOM-5-1393104-6 Datasheet
354Kb / 4P
   KRPA Series Panel Plug-in Relay
More results

Descripción similar - 5-1393158-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
   PWM Power Control for DC Loads
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
PHOENIX CONTACT
101804 PHOENIX-101804 Datasheet
132Kb / 3P
   Power Optocoupler for Switching High DC Loads up to 5 A
logo
ETAL Group
E-1071 ETAL-E-1071 Datasheet
1Mb / 6P
   Designed for inductive loads (DC 24 V)
logo
B&K Precision Corporati...
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
Teledyne Technologies I...
SR75-2 TELEDYNE-SR75-2 Datasheet
204Kb / 2P
   DC Loads DC Solid-State Relay
logo
TE Connectivity Ltd
H-26 TEC-H-26 Datasheet
153Kb / 1P
   Vacuum dielectric for power switching low current loads
logo
Omron Electronics LLC
G9EJ-1-E OMRON-G9EJ-1-E Datasheet
587Kb / 6P
   Compact DC Power Relays Capable of Switching 400 V 15 A DC loads
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com