Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM391N-100 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM391N-100
Descripción Electrónicos  LM391 Audio Power Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM391N-100 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM391N-100 Datasheet HTML 4Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 5Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 6Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 7Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 8Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 9Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 10Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 11Page - National Semiconductor (TI) LM391N-100 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Application Hints (Continued)
Since the free air thermal resistance of the MJE711
MJE721 is 100 CW no heat sink is required Using this
information and equation (6) we can find the minimum value
of RE required to prevent thermal runaway
RE t
100 (30) (0002)
30 a 1
e
019X
(6)
We must now use the SOA data on the TIP42 TIP41 tran-
sistors to set up the protection circuit Below is the SOA
curve with the 4X and 8X load lines Also shown are the
desired protection lines Note the value of VB is equal to the
supply voltage so we use the formulas in the table
DC SOA of TIP42 TIP41
Transistors
TLH7146 – 8
The data points from the curve are
VM e 60V VB e 23V IL e 3A IL e 7A
Using the dual slope protection formulas
RE e
065
3
e
022X
R2 e 1k
R1 e 1k
60b065
065
J 91k
R3 e 1k
 23
7(022) b 065
b
1
J 24k
Note that an RE of 022X satisfies equation (6) The final
schematic of this amplifier is below If the output is shorted
the current will be 18A and VCE is 23V Since the input is
AC the average power is
short PD e
(18) (23)
21W
This power is greater than was used in the heat sink calcula-
tions so the transistors will overheat for long-duration
shorts unless a larger heat sink is used
Typical Applications (Continued)
20W-8X 30W-4X Amplifier with 1 Second Turn-ON Delay
TLH7146 – 9
Additional protection for LM391N Schottky diodes and R j 100X
9


Número de pieza similar - LM391N-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
LM391 SEOUL-LM391 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM391 SEOUL-LM391 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM391 SEOUL-LM391 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Descripción similar - LM391N-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
rfsolutions.ltd
SA1 RFSOLUTIONS-SA1 Datasheet
708Kb / 2P
   Audio Power Driver
logo
SHENZHEN FUMAN ELECTRON...
SC0030 FUMAN-SC0030 Datasheet
405Kb / 11P
   Audio driver
logo
Unisonic Technologies
2SC2235 UTC-2SC2235_15 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE
logo
Toshiba Semiconductor
2SC2235 TOSHIBA-2SC2235 Datasheet
151Kb / 2P
   TRANSISTOR (AUDIO POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SC2235 UTC-2SC2235 Datasheet
115Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
2SC2235 UTC-2SC2235_09 Datasheet
105Kb / 4P
   AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC3665 TOSHIBA-2SC3665_04 Datasheet
116Kb / 3P
   Audio Power Amplifier Applications Driver-Stage Amplifier Applications
logo
Rohm
BA3576FS ROHM-BA3576FS Datasheet
139Kb / 8P
   Low power consumption headphone driver for digital audio
BA3577FS ROHM-BA3577FS Datasheet
159Kb / 10P
   Low power consumption headphone driver for digital audio
logo
Texas Instruments
LME49810TB TI1-LME49810TB Datasheet
876Kb / 22P
[Old version datasheet]   200V Audio Power Amplifier Driver with Baker Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com