Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM3915N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM3915N
Descripción Electrónicos  Dot/Bar Display Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM3915N Datasheet HTML 1Page - National Semiconductor (TI) LM3915N Datasheet HTML 2Page - National Semiconductor (TI) LM3915N Datasheet HTML 3Page - National Semiconductor (TI) LM3915N Datasheet HTML 4Page - National Semiconductor (TI) LM3915N Datasheet HTML 5Page - National Semiconductor (TI) LM3915N Datasheet HTML 6Page - National Semiconductor (TI) LM3915N Datasheet HTML 7Page - National Semiconductor (TI) LM3915N Datasheet HTML 8Page - National Semiconductor (TI) LM3915N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical Characteristics (Notes 2, 4) (Continued)
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
SUPPLY CURRENT
Standby Supply Current
(All Outputs Off)
V
+ = +5V, I
L(REF) = 0.2 mA
V
+ = +20V, I
L(REF) = 1.0 mA
2.4
4.2
mA
6.1
9.2
mA
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 2: Unless otherwise stated, all specifications apply with the following conditions:
3VDC ≤ V
+ ≤ 20 VDC
−0.015V
≤ VRLO ≤ 12 VDC
TA = 25˚C, IL(REF) = 0.2 mA, pin 9 connected to pin 3 (bar mode).
3VDC ≤ VLED ≤ V
+
VREF,VRHI,VRLO ≤ (V
+ − 1.5V)
For higher power dissipations, pulse testing is used.
−0.015V
≤ VRHI ≤ 12 VDC
0V
≤ VIN ≤ V+ − 1.5V
Note 3: Accuracy is measured referred to 0 dB = + 10.000 VDC at pin 5, with + 10.000 VDC at pin 6, and 0.000 VDC at pin 4. At lower full scale voltages, buffer and
comparator offset voltage may add significant error. See table for threshold voltages.
Note 4: Pin 5 input current must be limited to ±3 mA. The addition of a 39k resistor in series with pin 5 allows ±100V signals without damage.
Note 5: Bar mode results when pin 9 is within 20 mV of V+. Dot mode results when pin 9 is pulled at least 200 mV below V+. LED #10 (pin 10 output current) is
disabled if pin 9 is pulled 0.9V or more below VLED.
Note 6: The maximum junction temperature of the LM3915 is 100˚C. Devices must be derated for operation at elevated temperatures. Junction to ambient thermal
resistance is 55˚C/W for the molded DIP (N package).
Threshold Voltage (Note 3)
Output
dB
Min
Typ
Max
Output
dB
Min
Typ
Max
1
−27
0.422
0.447
0.531
6
−12
2.372
2.512
2.819
2
−24
0.596
0.631
0.750
7
−9
3.350
3.548
3.825
3
−21
0.841
0.891
1.059
8
−6
4.732
5.012
5.309
4
−18
1.189
1.259
1.413
9
−3
6.683
7.079
7.498
5
−15
1.679
1.778
1.995
10
0
9.985
10
10.015
www.national.com
4


Número de pieza similar - LM3915N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1/NOPB TI1-LM3915N-1/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
More results

Descripción similar - LM3915N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com