Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

7-1416200-0 Datasheet(PDF) 3 Page - TE Connectivity Ltd

No. de pieza 7-1416200-0
Descripción Electrónicos  General Purpose Low Power PCB Relays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1416200-0 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  7-1416200-0 Datasheet HTML 1Page - TE Connectivity Ltd 7-1416200-0 Datasheet HTML 2Page - TE Connectivity Ltd 7-1416200-0 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature Power PCB Relay MSR V23061 (Continued)
Product code structure
Typical product code
V23061
-A
1
007
-A
3
02
Type
V23061
Miniature Power PCB Relay MSR
Version
A
1 form A contact (1 NO), UL-class A
B
1 form C contact (1 CO), UL-class A
C
1 form A contact (1 NO), UL-class F
D
1 form C contact (1 CO), UL-class F
Version
1
Wash tight
2
Flux proof
Coil
Coil-code: please refer to coil versions table
Contact system
A
Standard
Contact material
3
AgSnO
2
8
AgNi 90/10
Contact information
01
1 form C (CO) contact
02
1 form A (NO) contact
Other types on request
Product code
Version
Contacts
Contact material
Coil
Part Number
V23061-A1002-A302
Wash tight
1 form A
AgSnO
2
5VDC
1393222-4
V23061-A1003-A302
1 NO contact
6VDC
1393222-9
V23061-A1005-A302
12VDC
2-1393222-0
V23061-A1007-A302
24VDC
3-1393222-9
V23061-B1002-A301
1 form C
5VDC
7-1393222-2
V23061-B1005-A301
1 CO contact
12VDC
9-1393222-1
V23061-B1007-A301
24VDC
1-1393223-7
V23061-B1009-A301
48VDC
3-1393223-7
V23061-C2001-A802
Flux proof
1 form A
AgNi 90/10
3VDC
5-1416200-3
V23061-C2002-A802
1 NO contact
5VDC
5-1416200-4
V23061-C2003-A802
6VDC
5-1416200-5
V23061-C2004-A802
9VDC
5-1416200-6
V23061-C2005-A802
12VDC
5-1416200-0
V23061-C2007-A802
24VDC
5-1416200-8
V23061-C2009-A802
48VDC
6-1416200-0
V23061-C2010-A802
60VDC
6-1416200-1
V23061-D2001-A801
1 form C
3VDC
6-1416200-2
V23061-D2002-A801
1 CO contact
5VDC
6-1416200-3
V23061-D2003-A801
6VDC
6-1416200-4
V23061-D2004-A801
9VDC
6-1416200-5
V23061-D2005-A801
12VDC
6-1416200-6
V23061-D2007-A801
24VDC
6-1416200-7
V23061-D2009-A801
48VDC
6-1416200-9
V23061-D2010-A801
60VDC
7-1416200-0


Número de pieza similar - 7-1416200-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
7-1416200-0 MACOM-7-1416200-0 Datasheet
255Kb / 3P
   Miniature Power PCB Relay MSR V23061
logo
TE Connectivity Ltd
7-1416200-0 TEC-7-1416200-0 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
More results

Descripción similar - 7-1416200-0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
41083 TEC-41083 Datasheet
277Kb / 2P
   General Purpose Low Power PCB Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com