Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
8-1393788-4 Datasheet(PDF) 6 Page - TE Connectivity Ltd |
|
8-1393788-4 Datasheet(HTML) 6 Page - TE Connectivity Ltd |
6 / 7 page 07-2015, Rev. 0715 www.te.com © 2015 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 6 AXICOM Signal Relays P2 Relay V23079 (Continued) Product code structure Typical product code V23079 A 1 001 B 301 Type V23079 Signal Relay P2 Series Version A THT, monostable D SMT, monostable, long term. G SMT, monostable, short term. B THT, latching, 2 coils E SMT, latching, 2 coils long term. H SMT, latching, 2 coils short term. C THT, latching, 1 coil F SMT, latching, 1 coil long term. J SMT, latching, 1 coil short term. Coil design 1 Standard coil (not for high dielectric version) 2 Overmolded coil Coil Coil code: please refer to coil versions table Version B Standard version X High dielectric version Contacts for standard versions 301 2 form C contacts (2 CO), AgNi +Au 201 2 form C contacts (2 CO), AgPd +Au; on request only Product code Version Coil design Coil type Coil voltage Part number V23079-A1006-B301 9VDC 2-1393788-0 V23079-A1005-B301 24VDC 1-1393788-6 V23079-A2008-B301 Overmolded 3VDC 6-1419120-6 V23079-A2011-B301 4.5VDC 3-1393789-9 V23079-A2001-B301 5VDC 3-1393789-5 V23079-A2002-B301 6VDC 3-1393789-6 V23079-A2006-B301 9VDC 3-1393789-8 V23079-A2003-B301 12VDC 3-1393789-7 V23079-B1218-B301 Standard Bistable, 2 coils 2.4VDC 1422002-8 V23079-B1208-B301 3VDC 4-1393788-1 V23079-B1211-B301 4.5VDC 4-1393788-2 V23079-B1201-B301 5VDC 3-1393788-3 V23079-B1202-B301 6VDC 3-1393788-5 V23079-B1206-B301 9VDC 3-1393788-9 V23079-B1203-B301 12VDC 3-1393788-6 V23079-B1205-B301 24VDC 3-1393788-7 V23079-B2219-B301 Overmolded 2VDC 1-1422002-2 V23079-B2218-B301 2.4VDC 1-1422002-1 V23079-B2208-B301 3VDC 1-1422002-0 V23079-B2201-B301 5VDC 1422002-9 V23079-C1108-B301 Standard Bistable, 1 coils 3VDC 5-1393788-3 V23079-C1111-B301 4.5VDC 5-1393788-4 V23079-C1101-B301 5VDC 4-1393788-5 V23079-C1102-B301 6VDC 4-1393788-7 V23079-C1106-B301 9VDC 5-1393788-1 V23079-C1103-B301 12VDC 4-1393788-8 V23079-C1105-B301 24VDC 5-1393788-0 |
Número de pieza similar - 8-1393788-4 |
|
Descripción similar - 8-1393788-4 |