Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
9-1393812-4 Datasheet(PDF) 6 Page - TE Connectivity Ltd |
|
9-1393812-4 Datasheet(HTML) 6 Page - TE Connectivity Ltd |
6 / 7 page 03-2012, Rev. 0312 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 6 AXICOM Signal Relays Cradle S Relay V23054/V23062 (Continued) Product code Version Coil Operate/Lim. Arrangement Contacts Enclosure PartNumber V23054-DXXXX, standard, size II V23054-D0013-B110 Standard, size II 125VDC 59/190VDC 4 form C, 4 CO Single Dust protected 4-1419172-5 V23054-D0015-B112 Standard, size II 12VDC 4.7/18VDC 6 form A, 6 NO Single Dust protected 6-1422019-5 V23054-D0016-C110 Standard, size II 12.5VDC 5.4/21.5VDC 4 form C, 4 CO Bifurcated Dust protected 4-1393812-2 V23054-D0017-B110 Standard, size II 16VDC 7/25.5VDC 4 form C, 4 CO Single Dust protected 4-1393812-3 V23054-D0017-B110 Standard, size II 16VDC 7/25.5VDC 4 form C, 4 CO Single Dust protected 4-1393812-4 V23054-D0019-B110 Standard, size II 20VDC 10.5/31VDC 4 form C, 4 CO Single Dust protected 4-1393812-6 V23054-D0019-C110 Standard, size II 20VDC 10.5/31VDC 4 form C, 4 CO Bifurcated Dust protected 4-1393812-7 V23054-D0019-C410 Standard, size II 20VDC 10.5/31VDC 4 form C, 4 CO Bifurcated Dust protected 5-1393812-0 V23054-D2003-B110 Standard, size II 220VDC 79/240VDC 4 form C, 4 CO Single Dust protected 1393813-1 V23054-D2013-B110 Standard, size II 125VDC 59/190VDC 4 form C, 4 CO Single Dust protected 1393813-2 V23054-D2020-B110 Standard, size II 24VDC 10.5/39VDC 4 form C, 4 CO Single Dust protected 1393813-3 V23054-D2021-B110 Standard, size II 32VDC 14.5/50VDC 4 form C, 4 CO Single Dust protected 1393813-4 V23054-D2021-B112 Standard, size II 32VDC 14.5/50VDC 6 form A, 6 NO Single Dust protected 1393813-5 V23054-D2026-B110 Standard, size II 60VDC 29/94VDC 4 form C, 4 CO Single Dust protected 1393813-6 V23054-D2026-B112 Standard, size II 60VDC 29/94VDC 6 form A, 6 NO Single Dust protected 1393813-7 V23054-D0020-B110 Standard, size II 24VDC 10.5/39VDC 4 form C, 4 CO Single Dust protected 5-1393812-1 V23054-D0020-B112 Standard, size II 24VDC 10.5/39VDC 6 form A, 6 NO Single Dust protected 5-1393812-2 V23054-D0020-C110 Standard, size II 24VDC 13/39VDC 4 form C, 4 CO Bifurcated Dust protected 5-1393812-3 V23054-D0002-C410 Standard, size II 1,2VDC 0,75/2,1VDC 4 form C, 4 CO Bifurcated Dust protected 3-1419137-7 V23054-D0021-B110 Standard, size II 32VDC 14.5/50VDC 4 form C, 4 CO Single Dust protected 5-1393812-4 V23054-D0021-C112 Standard, size II 32VDC 17.5/50VDC 6 form A, 6 NO Bifurcated Dust protected 5-1393812-5 V23054-D0022-B110 Standard, size II 45VDC 19/66VDC 4 form C, 4 CO Single Dust protected 5-1393812-8 V23054-D0022-C110 Standard, size II 45VDC 24/66VDC 4 form C, 4 CO Bifurcated Dust protected 5-1393812-9 V23054-D0002-B110 Standard, size II 1,2VDC 0,54/2,1VDC 4 form C, 4 CO Single Dust protected 6-1393812-2 V23054-D0026-B112 Standard, size II 60VDC 29/94VDC 6 form A, 6 NO Single Dust protected 6-1393812-3 V23054-D0026-C110 Standard, size II 60VDC 43/94VDC 4 form C, 4 CO Bifurcated Dust protected 6-1393812-4 V23054-D0026-C112 Standard, size II 60VDC 36/94VDC 6 form A, 6 NO Bifurcated Dust protected 6-1393812-5 V23054-D0026-C114 Standard, size II 60VDC 29/94VDC 4 form A, 4 NO Bifurcated Dust protected 6-1393812-6 V23054-D003-B110 Standard, size II 220VDC 79/240VDC 4 form C, 4 CO Single Dust protected 3-1393812-8 V23054-D004-C110 Standard, size II 110VDC 44/145VDC 4 form C, 4 CO Bifurcated Dust protected 3-1393812-9 V23054-DXXXX, 5A, size II V23054-D1003-F104 5A, size II 220VDC 98/240VDC 2 form C, 2 CO Single Dust protected 8-1393812-6 V23054-D1004-F104 5A, size II 110VDC 53.5/145VDC 2 form C, 2 CO Single Dust protected 8-1393812-7 V23054-D1011-F104 5A, size II 6VDC 2.9/9VDC 2 form C, 2 CO Single Dust protected 8-1393812-8 V23054-D1012-F104 5A, size II 8.4VDC 4.4/13VDC 2 form C, 2 CO Single Dust protected 8-1393812-9 V23054-D1015-F104 5A, size II 12VDC 5.8/18VDC 2 form C, 2 CO Single Dust protected 9-1393812-0 V23054-D1017-F104 5A, size II 16VDC 8.7/25.5VDC 2 form C, 2 CO Single Dust protected 9-1393812-1 V23054-D1019-F104 5A, size II 20VDC 10.5/31VDC 2 form C, 2 CO Single Dust protected 9-1393812-2 V23054-D1020-F104 5A, size II 24VDC 13/39VDC 2 form C, 2 CO Single Dust protected 9-1393812-3 V23054-D1021-F104 5A, size II 32VDC 17.5/50VDC 2 form C, 2 CO Single Dust protected 9-1393812-4 V23054-D1022-F104 5A, size II 45VDC 24/66VDC 2 form C, 2 CO Single Dust protected 9-1393812-5 V23054-D1026-F104 5A, size II 60VDC 36/94VDC 2 form C, 2 CO Single Dust protected 9-1393812-8 V23054-D3003-F104 5A, size II 220VDC 98/240VDC 2 form C, 2 CO Single Dust protected 1393813-9 V23054-D0300-F104 5A, size II 110VDC 53.5/145VDC 2 form C, 2 CO Single Dust protected 1-1393813-1 V23054-D3020-F104 5A, size II 24VDC 13/39VDC 2 form C, 2 CO Single Dust protected 1-1393813-4 V23054-D3026-F104 5A, size II 60VDC 36/94VDC 2 form C, 2 CO Single Dust protected 1-1393813-6 V23054-EXXXX, standard, size III V23054-E0012-B133 Standard, size III 8.4VDC 4.4/13VDC 6 form C, 6 CO Single Dust protected 2-1393813-5 V23054-E0015-B133 Standard, size III 12VDC 5.8/18VDC 6 form C, 6 CO Single Dust protected 2-1393813-6 V23054-E0015-C133 Standard, size III 12VDC 8.8/18VDC 6 form C, 6 CO Bifurcated Dust protected 2-1393813-7 V23054-E0016-B133 Standard, size III 12.5VDC 6.9/21.5VDC 6 form C, 6 CO Single Dust protected 2-1393813-8 V23054-E0016-C133 Standard, size III 12.5VDC 10/21.5VDC 6 form C, 6 CO Bifurcated Dust protected 3-1393813-0 V23054-E0017-B133 Standard, size III 16VDC 8.7/25.5VDC 6 form C, 6 CO Single Dust protected 3-1393813-1 V23054-E0017-C133 Standard, size III 16VDC 13/25.5VDC 6 form C, 6 CO Bifurcated Dust protected 3-1393813-2 V23054-E0019-B133 Standard, size III 20VDC 10.5/31VDC 6 form C, 6 CO Single Dust protected 3-1393813-3 V23054-E0019-C133 Standard, size III 20VDC 15.5/31VDC 6 form C, 6 CO Bifurcated Dust protected 3-1393813-4 V23054-E0019-C433 Standard, size III 20VDC 15.5/31VDC 6 form C, 6 CO Bifurcated Dust protected 3-1393813-5 V23054-E2004-B133 Standard, size III 110VDC 53.5/145VDC 6 form C, 6 CO Single Dust protected 9-1393813-0 V23054-E2013-B133 Standard, size III 125VDC 73/190VDC 6 form C, 6 CO Single Dust protected 1422019-2 V23054-E2026-B133 Standard, size III 60VDC 36/94VDC 6 form C, 6 CO Single Dust protected 9-1393813-4 V23054-E0020-B133 Standard, size III 24VDC 13/39VDC 6 form C, 6 CO Single Dust protected 3-1393813-6 V23054-E0020-B533 Standard, size III 24VDC 13/39VDC 6 form C, 6 CO Single Dust protected 3-1393813-9 V23054-E0020-B633 Standard, size III 24VDC 13/39VDC 6 form C, 6 CO Single Dust protected 4-1393813-0 V23054-E0020-C133 Standard, size III 24VDC 20/39VDC 6 form C, 6 CO Bifurcated Dust protected 4-1393813-1 V23054-E0020-C433 Standard, size III 24VDC 20/39VDC 6 form C, 6 CO Bifurcated Dust protected 4-1393813-2 V23054-E0021-B133 Standard, size III 32VDC 17.5/50VDC 6 form C, 6 CO Single Dust protected 4-1393813-3 V23054-E0022-B133 Standard, size III 45VDC 24/66VDC 6 form C, 6 CO Single Dust protected 4-1393813-4 V23054-E0022-B633 Standard, size III 45VDC 24/66VDC 6 form C, 6 CO Single Dust protected 4-1393813-5 V23054-E0022-C133 Standard, size III 45VDC 35/66VDC 6 form C, 6 CO Bifurcated Dust protected 4-1393813-6 V23054-E0026-B133 Standard, size III 60VDC 36/94VDC 6 form C, 6 CO Single Dust protected 4-1393813-8 V23054-E0026-C133 Standard, size III 60VDC 55/94VDC 6 form C, 6 CO Bifurcated Dust protected 4-1393813-9 |
Número de pieza similar - 9-1393812-4 |
|
Descripción similar - 9-1393812-4 |