Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC856B Datasheet(PDF) 4 Page - Yea Shin Technology Co., Ltd

No. de pieza BC856B
Descripción Electrónicos  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YEASHIN [Yea Shin Technology Co., Ltd]
Página de inicio  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC856B Datasheet(HTML) 4 Page - Yea Shin Technology Co., Ltd

  BC856B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC856B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
http://www.yeashin.com
4
REV.02 20130403
BC85xSeries
DEVICE CHARACTERISTICS
BC857/ BC858
I
C , COLLECTOR CURRENT (mAdc)
Figure 1. Normalized DC Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 2. “Saturation” and “On” Voltages
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
–200
V
CE= –10 V
T
A = 25°C
2.0
1.5
1.0
0.7
0.5
0.3
0.2
–0.1
–0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
T
A = 25°C
V
BE(sat) @ I C /I B=10
V
BE(on) @ V CE = –10 V
V
CE(sat) @ I C /I B = 10
T
A = 25°C
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
1.0
1.2
1.6
2.0
2.4
2.8
I
B , BASE CURRENT (mA)
Figure 3. Collector Saturation Region
I
C= –200 mA
–55°C to +125°C
I
C , COLLECTOR CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
–0.2
–1.0
–10
–100
–0.02
–0.1
–1.0
–10
–20
–2.0
–1.6
–1.2
–0.8
–0.4
0
I
C =
–10 mA
I
C= –100 mA
I
C= –20 mA
I
C= –50 mA
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
T
A=25°C
V
CE =–10V
T
A = 25°C
C
ob
C
ib
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
–0.4
–0.6
–1.0
–2.0
–4.0
–6.0
–10
–20
–30
–40
–0.5
–1.0
–2.0
–3.0
–5.0
–10
–20
–30
–50


Número de pieza similar - BC856B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
GUANGDONG HOTTECH INDUS...
BC856B HOTTECH-BC856B Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
FutureWafer Tech Co.,Lt...
BC856B FUTUREWAFER-BC856B Datasheet
1Mb / 12P
   PNP Silicon Epitaxial General Purpose Transistors
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Descripción similar - BC856B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com