Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3-1393789-8 Datasheet(PDF) 7 Page - TE Connectivity Ltd

No. de pieza 3-1393789-8
Descripción Electrónicos  Standard telecom relay
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TEC [TE Connectivity Ltd]
Página de inicio  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

3-1393789-8 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  3-1393789-8 Datasheet HTML 1Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 2Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 3Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 4Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 5Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 6Page - TE Connectivity Ltd 3-1393789-8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
07-2015, Rev.0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
7
AXICOM
Signal Relays
P2 Relay V23079 (Continued)
Product code
Version
Coil design
Coil type
Coil voltage
Part number
V23079-D1006-B301
9VDC
5-1393788-9
V23079-D1005-B301
24VDC
5-1393788-8
V23079-D2008-B301
Overmolded
3VDC
4-1393789-7
V23079-D2011-B301
4.5VDC
4-1393789-8
V23079-D2001-B301
5VDC
4-1393789-3
V23079-D2002-B301
6VDC
4-1393789-4
V23079-D2006-B301
9VDC
4-1393789-6
V23079-D2003-B301
12VDC
4-1393789-5
V23079-E1219-B301
Standard
Bistable, 2 coils
2VDC
1-1422007-0
V23079-E1218-B301
2.4VDC
1422007-5
V23079-E1208-B301
3VDC
7-1393788-1
V23079-E1211-B301
4.5VDC
7-1393788-2
V23079-E1201-B301
5VDC
6-1393788-8
V23079-E1202-B301
6VDC
1393789-5
V23079-E1206-B301
9VDC
1393789-9
V23079-E1203-B301
12VDC
6-1393788-9
V23079-E1205-B301
24VDC
7-1393788-0
V23079-E2219-B301
Overmolded
2VDC
1422007-6
V23079-E2201-B301
5VDC
1422007-7
V23079-E2208-B301
3VDC
1422007-8
V23079-E2218-B301
2.4VDC
1422007-9
V23079-F1108-B301
Standard
Bistable, 1 coil
3VDC
7-1393788-5
V23079-F1111-B301
4.5VDC
1-1393789-4
V23079-F1101-B301
5VDC
7-1393788-3
V23079-F1102-B301
6VDC
1-1393789-0
V23079-F1106-B301
9VDC
1-1393789-2
V23079-F1103-B301
12VDC
7-1393788-4
V23079-F1105-B301
24VDC
1-1393789-1
V23079-G1005-B301
SMT, short pins
Monostable
24VDC
7-1393788-8
V23079-G2008-B301
Overmolded
3VDC
5-1393789-4
V23079-G2016-B301
4VDC
1393790-5
V23079-G2011-B301
4.5VDC
5-1393789-5
V23079-G2001-B301
5VDC
4-1393789-9
V23079-G2002-B301
6VDC
5-1393789-0
V23079-G2006-B301
9VDC
5-1393789-3
V23079-G2003-B301
12VDC
5-1393789-1
V23079-H1208-B301
Standard
Bistable, 2 coils
3VDC
2-1393789-4
V23079-H1211-B301
4.5VDC
8-1393788-4
V23079-H1201-B301
5VDC
2-1393789-0
V23079-H1202-B301
6VDC
2-1393789-1
V23079-H1206-B301
9VDC
2-1393789-3
V23079-H1203-B301
12VDC
8-1393788-3
V23079-H1205-B301
24VDC
2-1393789-2
V23079-J1108-B301
Bistable, 1 coil
3VDC
2-1393789-9
V23079-J1111-B301
4.5VDC
3-1393789-0
V23079-J1101-B301
5VDC
2-1393789-5
V23079-J1102-B301
6VDC
2-1393789-6
V23079-J1103-B301
12VDC
2-1393789-7
V23079-J1105-B301
24VDC
2-1393789-8
V23079-G2008-X079
High dielectric
Monostable
3VDC
1422006-5
V23079-G2001-X071
Overmolded
5VDC
1422006-1
V23079-G2002-X072
6VDC
1422006-2
V23079-G2006-X073
9VDC
1422006-3
V23079-G2003-X074
12VDC
1422006-4
V23079-A2003-X074
12VDC
1422025-7
V23079-A2008-X079
3VDC
1-1422025-1


Número de pieza similar - 3-1393789-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
3-1393789-8 MACOM-3-1393789-8 Datasheet
2Mb / 7P
   P2 Relay V23079
logo
TE Connectivity Ltd
3-1393789-8 TEC-3-1393789-8 Datasheet
1Mb / 7P
   Standard telecom relay
More results

Descripción similar - 3-1393789-8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
P2-V23079 TEC-P2-V23079 Datasheet
1Mb / 7P
   Standard telecom relay
logo
Picker Components
PC332 PICKER-PC332 Datasheet
147Kb / 2P
   Telecom Relay
logo
TE Connectivity Ltd
FT2 TEC-FT2 Datasheet
1Mb / 5P
   Telecom/signal relay
logo
Picker Components
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
HG4507 DBLECTRO-HG4507 Datasheet
49Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
Picker Components
PC307 PICKER-PC307_14 Datasheet
175Kb / 2P
   Ultraminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com